Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLS1L90A_3A01 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLS1L90A_3A01
Description  Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLS1L90A_3A01 Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLS1L90A_3A01 Datasheet HTML 1Page - OSRAM GmbH SPLS1L90A_3A01 Datasheet HTML 2Page - OSRAM GmbH SPLS1L90A_3A01 Datasheet HTML 3Page - OSRAM GmbH SPLS1L90A_3A01 Datasheet HTML 4Page - OSRAM GmbH SPLS1L90A_3A01 Datasheet HTML 5Page - OSRAM GmbH SPLS1L90A_3A01 Datasheet HTML 6Page - OSRAM GmbH SPLS1L90A_3A01 Datasheet HTML 7Page - OSRAM GmbH SPLS1L90A_3A01 Datasheet HTML 8Page - OSRAM GmbH SPLS1L90A_3A01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SPL S1L90A_3 A01
2 Version 1.0 | 2020-11-18
Maximum Ratings
T
S = 25 °C
Parameter
Symbol
Values
Operating temperature
T
op
min.
max.
-40 °C
105 °C
Storage temperature
T
stg
min.
max.
-40 °C
125 °C
Junction temperature
T
j
max.
125 °C
Output power
P
opt
max.
0.24 W
Forward current
dc = 0.2 %
I
F
max.
40 A
Pulse width (FWHM)
t
P
max.
100 ns
Duty cycle
dc
max.
0.2 %
Reverse voltage 1)
V
R
max.
45 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com