Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLS4L90A_3A01 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SPLS4L90A_3A01
Description  Industrial Automation (Machine Controls, Ligh Barriers, Vision Controls)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLS4L90A_3A01 Datasheet(HTML) 3 Page - OSRAM GmbH

  SPLS4L90A_3A01 Datasheet HTML 1Page - OSRAM GmbH SPLS4L90A_3A01 Datasheet HTML 2Page - OSRAM GmbH SPLS4L90A_3A01 Datasheet HTML 3Page - OSRAM GmbH SPLS4L90A_3A01 Datasheet HTML 4Page - OSRAM GmbH SPLS4L90A_3A01 Datasheet HTML 5Page - OSRAM GmbH SPLS4L90A_3A01 Datasheet HTML 6Page - OSRAM GmbH SPLS4L90A_3A01 Datasheet HTML 7Page - OSRAM GmbH SPLS4L90A_3A01 Datasheet HTML 8Page - OSRAM GmbH SPLS4L90A_3A01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SPL S4L90A_3 A01
3 Version 0.2 | 2020-10-12
Characteristics
I
F = 40 A; tp = 100 ns; D = 0.01 %; TS = 25 °C
Parameter
Symbol
Values
Number of channels
N
typ.
4
Pitch
p
typ.
312 µm
Operating voltage
V
op
typ.
11 V
Peak wavelength
λ
peak
typ.
908 nm
Centroid wavelength 2)
λ
centroid
min.
typ.
max.
895 nm
905 nm
915 nm
Spectral bandwidth (FWHM)
∆λ
min.
typ.
max.
3 nm
7 nm
12 nm
Peak output power 3)
P
opt
min.
typ.
max.
105 W
125 W
145 W
Beam divergence (FWHM) parallel to pn-junction
Θ
‖
min.
typ.
max.
3 °
10 °
13 °
Beam divergence (FWHM) perpendicular to pn-junction
Θ
┴
min.
typ.
max.
20 °
25 °
30 °
Beam divergence (1/e²) parallel to pn-junction
Θ
‖
min.
typ.
max.
10 °
13 °
16 °
Beam divergence (1/e²) perpendicular to pn-junction
Θ
┴
min.
typ.
max.
35 °
40 °
50 °
Threshold current
I
th
typ.
0.6 A
Laser aperture (FWHM) parallel to pn-junction
W
||
typ.
220 µm
Laser aperture (FWHM) perpendicular to pn-junction
W
┴
typ.
10 µm
Thermal resistance junction solder point real 4)
all channels ON
R
thJS real
typ.
max.
17 K / W
20 K / W
Note:
Unless otherwise specified, all values are valid for one emitter operated seperately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com