Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83841BHT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS83841BHT
Description  20 BIT, DDR SDRAM 2:1 MUX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83841BHT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS83841BHT Datasheet HTML 1Page - Integrated Circuit Systems ICS83841BHT Datasheet HTML 2Page - Integrated Circuit Systems ICS83841BHT Datasheet HTML 3Page - Integrated Circuit Systems ICS83841BHT Datasheet HTML 4Page - Integrated Circuit Systems ICS83841BHT Datasheet HTML 5Page - Integrated Circuit Systems ICS83841BHT Datasheet HTML 6Page - Integrated Circuit Systems ICS83841BHT Datasheet HTML 7Page - Integrated Circuit Systems ICS83841BHT Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
83841BH
www.icst.com/products/hiperclocks.html
REV. A JANUARY 20, 2006
1
Integrated
Circuit
Systems, Inc.
ICS83841
20 BIT, DDR SDRAM 2:1 MUX
GENERAL DESCRIPTION
The ICS83841 is a 20 Bit, DDR SDRAM 2:1 MUX
and is a member of the HiPerClockS™ family of
High Performance Clock Solutions from ICS. The
device has 20 host lines and each host line can
be passed to 2 data ports. The host/data ports
are compatible with single-ended SSTL-2 and the device op-
erates from a 2.5V supply.
Guaranteed low output skew makes the ICS83841 ideal for
demanding applications which require well defined performance
and repeatability.
LOGIC DIAGRAM
FEATURES
• Forty low skew single-ended DIMM ports
• One SSTL-2 compatible select input
• Maximum Switching Speed: 3ns
• Output skew: 180ps (maximum)
• r
on = 20
Ω (typical)
• Full 2.5V supply modes
• 0°C to 70°C ambient operating temperature
• Available in both standard and lead-free RoHS compliant
packages
HiPerClockS™
ICS
SIMPLIFIED SCHEMATIC
DHx
S
DAx or DBx
RPD
SW
DH0
DA0
DB0
DH19
Sw
Sw
DA19
DB19
Sw
Sw
S
ron
ron
ICS83841
72-Ball TFBGA
6mm x 6mm x 1.2mm
package body
H Package
Top View
PIN ASSIGNMENT
B
D
7
1
A
D
7
1
B
D
6
1
B
D
5
1
A
D
5
1
B
D
4
1
A
D
4
1
A
D
3
1
B
D
2
1
A
D
2
1
A
D
8
1
H
D
7
1
H
D
6
1
A
D
6
1
H
D
5
1
H
D
4
1
B
D
3
1
H
D
3
1
H
D
2
1
B
D
1
1
B
D
8
1
H
D
8
1
D
N
GD
N
GH
D
1
1
A
D
1
1
A
D
9
1
D
N
GD
N
GB
D
0
1
B
D
9
1
H
D
9
1
SV
D
D
H
D
0
1
A
D
0
1
A
D
0
H
D
0
V
D
D
V
D
D
H
D
9
B
D
9
B
D
0
D
N
GD
N
GA
D
9
A
D
1
H
D
1
D
N
GD
N
GH
D
8
B
D
8
B
D
1
H
D
2
H
D
3
B
D
3
H
D
4
H
D
5
A
D
6
H
D
6
H
D
7
A
D
8
A
D
2
B
D
2
A
D
3
A
D
4
B
D
4
A
D
5
B
D
5
B
D
6
A
D
7
B
D
7
1
2
34
5
6
789
10
A
B
C
D
E
F
G
H
J
K


Similar Part No. - ICS83841BHT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83840 ICST-ICS83840 Datasheet
139Kb / 8P
DDR SDRAM MUX
REV. A DECEMBER 22, 2003
ICS83840AH ICST-ICS83840AH Datasheet
139Kb / 8P
DDR SDRAM MUX
REV. A DECEMBER 22, 2003
ICS83840AHLF ICST-ICS83840AHLF Datasheet
139Kb / 8P
DDR SDRAM MUX
REV. A DECEMBER 22, 2003
ICS83840AHLFT ICST-ICS83840AHLFT Datasheet
139Kb / 8P
DDR SDRAM MUX
REV. A DECEMBER 22, 2003
ICS83840AHT ICST-ICS83840AHT Datasheet
139Kb / 8P
DDR SDRAM MUX
REV. A DECEMBER 22, 2003
More results

Similar Description - ICS83841BHT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E154 ONSEMI-MC10E154 Datasheet
107Kb / 4P
5-BIT 2:1 MUX-LATCH
1996 REV 2
MC10E155 ONSEMI-MC10E155 Datasheet
105Kb / 4P
6-BIT 2:1 MUX-LATCH
1996 REV 3
MC10E167 ONSEMI-MC10E167 Datasheet
105Kb / 4P
6-BIT 2:1 MUX-REGISTER
REV 2
logo
Micrel Semiconductor
SY10E167 MICREL-SY10E167 Datasheet
155Kb / 3P
6-BIT 2:1 MUX-REGISTER
logo
Integrated Circuit Syst...
ICS83840 ICST-ICS83840 Datasheet
139Kb / 8P
DDR SDRAM MUX
REV. A DECEMBER 22, 2003
logo
NXP Semiconductors
CBTV4010 PHILIPS-CBTV4010 Datasheet
72Kb / 10P
10-bit DDR SDRAM mux/bus switch
2002 Feb 19
logo
Integrated Circuit Syst...
ICS83840B ICST-ICS83840B Datasheet
131Kb / 7P
DDR SDRAM MUX
logo
Micrel Semiconductor
SY10E154 MICREL-SY10E154_06 Datasheet
63Kb / 4P
5-BIT 2:1 MUX-LATCH
SY10E155 MICREL-SY10E155_06 Datasheet
66Kb / 4P
6-BIT 2:1 MUX-LATCH
logo
NXP Semiconductors
CBTV4020 NXP-CBTV4020 Datasheet
105Kb / 16P
20-bit DDR SDRAM 2 : 1 MUX
Rev. 03-4 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com