Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83940DY Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS83940DY
Description  LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83940DY Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS83940DY Datasheet HTML 5Page - Integrated Circuit Systems ICS83940DY Datasheet HTML 6Page - Integrated Circuit Systems ICS83940DY Datasheet HTML 7Page - Integrated Circuit Systems ICS83940DY Datasheet HTML 8Page - Integrated Circuit Systems ICS83940DY Datasheet HTML 9Page - Integrated Circuit Systems ICS83940DY Datasheet HTML 10Page - Integrated Circuit Systems ICS83940DY Datasheet HTML 11Page - Integrated Circuit Systems ICS83940DY Datasheet HTML 12Page - Integrated Circuit Systems ICS83940DY Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
83940DY
www.icst.com/products/hiperclocks.html
REV. B JUNE 15, 2004
9
Integrated
Circuit
Systems, Inc.
ICS83940D
LOW SKEW, 1-TO-18
LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
PROPAGATION DELAY
Q0:Q17
3.3V OUTPUT RISE/FALL TIME
Clock Outputs
0.5V
2.4V
2.4V
0.5V
t
R
t
F
2.5V OUTPUT RISE/FALL TIME
Clock Outputs
0.5V
1.8V
1.8V
0.5V
t
R
t
F
t
PD
V
DDO
2
➤
V
DD
2
PCLK
nPCLK
LVCMOS_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com