Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83940DYI Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS83940DYI
Description  LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83940DYI Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS83940DYI Datasheet HTML 3Page - Integrated Circuit Systems ICS83940DYI Datasheet HTML 4Page - Integrated Circuit Systems ICS83940DYI Datasheet HTML 5Page - Integrated Circuit Systems ICS83940DYI Datasheet HTML 6Page - Integrated Circuit Systems ICS83940DYI Datasheet HTML 7Page - Integrated Circuit Systems ICS83940DYI Datasheet HTML 8Page - Integrated Circuit Systems ICS83940DYI Datasheet HTML 9Page - Integrated Circuit Systems ICS83940DYI Datasheet HTML 10Page - Integrated Circuit Systems ICS83940DYI Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
83940DYI
www.icst.com/products/hiperclocks.html
REV. A DECEMBER 12, 2002
7
Integrated
Circuit
Systems, Inc.
ICS83940DI
LOW SKEW, 1-TO-18
LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
2.5V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
3.3V/2.5V OUTPUT LOAD AC TEST CIRCUIT
2.05V±5%
V
DDO
-1.25V±5%
V
DD
1.25V±5%
GND
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
V
DD,
V
DDO
1.65V±5%
-1.65V±5%
GND
DIFFERENTIAL INPUT LEVEL
PART-TO-PART SKEW
OUTPUT SKEW
tsk(o)
V
DDO
2
V
DDO
2
Qy
Qx
SCOPE
Qx
LVCMOS
V
DD,
V
DDO
1.25V±5%
-1.25V±5%
GND
V
CMR
Cross Points
V
PP
GND
PCLK
nPCLK
V
DD
tsk(pp)
V
DDO
2
V
DDO
2
Qy
Qx
PART 2
PART 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com