Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSBS-2DB-D Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # WSBS-2DB-D
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WSBS-2DB-D Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  WSBS-2DB-D Datasheet HTML 1Page - M-System Co.,Ltd. WSBS-2DB-D Datasheet HTML 2Page - M-System Co.,Ltd. WSBS-2DB-D Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: WSBS
WSBS SPECIFICATIONS
ES-2289 Rev.2 Page 1/3
http://www.m-system.co.jp/
Dual Output Plug-in Signal Conditioners W-UNIT
ANALOG SUBTRACTOR
Functions & Features
• Receives 2 analog signals and outputs signal proportional
to their difference
• DC isolation between input and output
• Dielectric strength of 2000 V AC between input and output
• LCD meter indicates subtracted values
• High-density mounting
Typical Applications
• Computing differences of two temp., flows, etc.
• DC input transmitter for a power installation (dielectric
strength 2000 V AC, 110V DC power)
50
(1.97)
136
(5.35)
80
(3.15)
mm (inch)
MODEL: WSBS–[1][2][3]–[4][5]
ORDERING INFORMATION
• Code number: WSBS-[1][2][3]-[4][5]
Specify a code from below for each of [1] through [5].
(e.g. WSBS-6A6-B/E/Q)
• Special input and output ranges (For codes Z & 0)
• Parameters (e.g. K1 = 2.00, K2 = 0.10)
• Specify the specification for option code /Q
(e.g. /C01/S01)
Note: When the user requires a current and a voltage
output, specify the current to be the Output 1 which allows
a greater load.
[1] INPUT
Voltage
1: 0 – 10 mV DC (Input resistance 10 kΩ min.)
15: 0 – 50 mV DC (Input resistance 10 kΩ min.)
16: 0 – 60 mV DC (Input resistance 10 kΩ min.)
2: 0 – 100 mV DC (Input resistance 100 kΩ min.)
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[2] OUTPUT 1
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
B: 2 – 10 mA DC (Load resistance 1200 Ω max.)
C: 1 – 5 mA DC (Load resistance 2400 Ω max.)
D: 0 – 20 mA DC (Load resistance 600 Ω max.)
E: 0 – 16 mA DC (Load resistance 750 Ω max.)
F: 0 – 10 mA DC (Load resistance 1200 Ω max.)
G: 0 – 1 mA DC (Load resistance 12 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] OUTPUT 2
Current
A: 4 – 20 mA DC (Load resistance 350 Ω max.)
B: 2 – 10 mA DC (Load resistance 700 Ω max.)
C: 1 – 5 mA DC (Load resistance 1400 Ω max.)
D: 0 – 20 mA DC (Load resistance 350 Ω max.)
E: 0 – 16 mA DC(Load resistance 430 Ω max.)
F: 0 – 10 mA DC (Load resistance 700 Ω max.)
G: 0 – 1 mA DC (Load resistance 7000 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
Same range availability as Output 1


Similar Part No. - WSBS-2DB-D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSBS5216 VISHAY-WSBS5216 Datasheet
86Kb / 3P
Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ)
02-Jun-2021
WSBS5216 VISHAY-WSBS5216 Datasheet
93Kb / 3P
Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ)
14-Oct-2021
WSBS5216...14 VISHAY-WSBS5216...14 Datasheet
94Kb / 3P
Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ), Sn Plated
14-Oct-2021
WSBS521614 VISHAY-WSBS521614 Datasheet
90Kb / 3P
Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ), Sn Plated
02-Jun-2021
WSBS5216L1000JK1 VISHAY-WSBS5216L1000JK1 Datasheet
86Kb / 3P
Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ)
02-Jun-2021
More results

Similar Description - WSBS-2DB-D

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
WDY MSYSTEM-WDY Datasheet
110Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WDNY MSYSTEM-WDNY Datasheet
110Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WCT MSYSTEM-WCT Datasheet
115Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WRS MSYSTEM-WRS Datasheet
105Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WRPPB MSYSTEM-WRPPB Datasheet
156Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WJV MSYSTEM-WJV Datasheet
110Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJPA MSYSTEM-WJPA Datasheet
111Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJFT MSYSTEM-WJFT Datasheet
194Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WYPD MSYSTEM-WYPD Datasheet
142Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WVS MSYSTEM-WVS Datasheet
114Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com