Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX22005 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX22005
Description  Access to Eight GPIO Channels
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22005 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX22005 Datasheet HTML 1Page - Maxim Integrated Products MAX22005 Datasheet HTML 2Page - Maxim Integrated Products MAX22005 Datasheet HTML 3Page - Maxim Integrated Products MAX22005 Datasheet HTML 4Page - Maxim Integrated Products MAX22005 Datasheet HTML 5Page - Maxim Integrated Products MAX22005 Datasheet HTML 6Page - Maxim Integrated Products MAX22005 Datasheet HTML 7Page - Maxim Integrated Products MAX22005 Datasheet HTML 8Page - Maxim Integrated Products MAX22005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX22005
MAX22005 Evaluation Kit
Pmod is a trademark of Digilent, Inc.
Detailed Description of Hardware
The MAX22005EVKIT# provides an easy-to-use and flex-
ible solution for evaluating the MAX22005, 12-channel
factory-calibrated configurable analog-input IC for indus-
trial applications. The MAX22005 EV kit communicates
to a PC through a commonly available A-to-micro-B USB
cable. Since there is no on-board microprocessor, all
coordination and low-level SPI transactions are managed
by code on the PC, as part of the GUI.
For users who prefer more direct control through their own
hardware, important signals are made available through
J201, which offers a 6x2 header with 0.1” spacing that is
sometimes called a Pmod™ header, making it compatible
with many FPGA and microcontrollers systems (refer to
the MAX22005 EV Kit Schematic). As well as indepen-
dent dedicated connection, J201 can also be paired with
the Maxim’s USB2GPIO# control card. If J201 is used,
disconnect the PC interface from the MAX22005 EV kit
by opening all switches on SW1.
For a list of configuration options refer to Table 1.
Figure 2. MAX22005 EV Kit GUI Register Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com