Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20751 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20751
Description  Multiphase Master with PMBus Interface and Internal Buck Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20751 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20751 Datasheet HTML 1Page - Maxim Integrated Products MAX20751 Datasheet HTML 2Page - Maxim Integrated Products MAX20751 Datasheet HTML 3Page - Maxim Integrated Products MAX20751 Datasheet HTML 4Page - Maxim Integrated Products MAX20751 Datasheet HTML 5Page - Maxim Integrated Products MAX20751 Datasheet HTML 6Page - Maxim Integrated Products MAX20751 Datasheet HTML 7Page - Maxim Integrated Products MAX20751 Datasheet HTML 8Page - Maxim Integrated Products MAX20751 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Electrical Characteristics (continued)
(VDD = 1.71V to 1.98V, VDD33 = 3.3V ±10%, TJ = +25°C, unless otherwise noted.).
MAX20751
Multiphase Master with PMBus Interface
and Internal Buck Converter
www.maximintegrated.com
Maxim Integrated │ 4
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
R_REF
Reference Voltage for R_REF
VR_REF
(Note 2)
0.79
0.80
0.81
V
AMPLIFIER A1
A1 Amplifier Closed-Loop
Differential Gain
A1DM
(Note 2)
2.17
2.19
2.23
V/V
Error-Amplifier Closed-Loop BW
CLBW
7
15
MHz
Positive Sense Line Current
ISENSE_P
VSENSE_N grounded (Note 2)
90
µA
Negative Sense Line Current
ISENSE_N
VSENSE_P grounded (Note 2)
-90
µA
AMPLIFIER A2
Amplifier Closed-Loop Gain of A2
with feedback capacitor C2 shorted
AV2
Set through external R (Note 1)
1
4
V/V
A2 Amplifier Open-Loop Gain
AOL2
60
dB
Closed-Loop Bandwidth
CLBW_A2
Gain = 2
10
MHz
AMPLIFIER A2B
A2B Amplifier Closed-Loop Gain
ADM
1
V/V
Closed-Loop Bandwidth
CLBW_A2B
11
MHz
AMPLIFIER A3
A3 Amplifier Open-Loop Gain
AOL3
60
dB
Closed-Loop Bandwidth
CLBW_A3
Gain = 2
10
MHz
MODULATOR RAMP RATE
Ramp-Rate Programming Range
MRAMP
Program through R at MRAMP pin
(Note 1)
0.4
2
V/µs
OVERCURRENT PROTECTION (OCP)
Positive Current Limit (Sustaining),
Programmed Through RDES
POCP
Voltage across RDES referred to
VCM, 4-phase system (Notes 1, 2)
-0.658
-0.598
-0.538
V
Negative Current Limit (Sustaining)
NOCP
Voltage across RDES referred to
VCM, 4-phase system (Note 2)
0.157
0.183
0.209
V
Positive Current-Limit Tolerance
ILIM_TOL
Not including the external resistor
tolerance (1%) (Note 2)
-10
+10
%
OVERVOLTAGE PROTECTION (OVP)
Tracking OVP Threshold Voltage
Above VNOM (Rising)
V_TRA_OVP
(Note 2)
205
217
mV
Tracking OVP Threshold Voltage
(Falling)
(Note 2)
187
199
Tracking OVP Blanking Time from
the End of an
IDAC Transition
t_BL_OVP
90
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com