Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YVD-0-S/E2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # YVD-0-S/E2
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

YVD-0-S/E2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  YVD-0-S/E2 Datasheet HTML 1Page - M-System Co.,Ltd. YVD-0-S/E2 Datasheet HTML 2Page - M-System Co.,Ltd. YVD-0-S/E2 Datasheet HTML 3Page - M-System Co.,Ltd. YVD-0-S/E2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: YVD
YVD SPECIFICATIONS
ES-3215-E Rev.14 Page 3/4
http://www.m-system.co.jp/
EXTERNAL VIEW
Span Adj.
Zero Adj.
LCD Meter
Loop Test Selector
Top
Middle
Bottom
: 0% fixed
: 100% fixed
: Cancel
(normal operating mode)
NEXT Key
ENTER Key
Span Adj.
Zero Adj.
LCD Meter
■ OPTION /E
■ OPTION /E2
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
3
4
5
6
2
1
8
7
50 (1.97)
107 (4.21)
127 (5)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
15 (.59) deep
8–M3.5
SCREW
• When mounting, no extra space is needed between units.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
Isolation
Base Socket
S
Z
Output
Driver
OUTPUT
1
2
U(+)
V(–)
POWER
7
8
Low Drift
Amplifier
250Ω
24V DC
Supply
*
+
–
INPUT
3
4
5
6
Option /E, E2
Option /E2
5
6
250Ω
+
–
INPUT
3
4
–
+
+
+
3
5
4
2-WIRE
TRANSMITTER
–
+
6
+
–
–
250Ω
■ When Used as DC Supply
■ When Used as Isolator
–
+
2-WIRE XMTR
PWR SUPPLY
LOOP TEST
SELECTOR
**
*
**



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com