Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84329B Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS84329B
Description  700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84329B Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS84329B Datasheet HTML 1Page - Integrated Circuit Systems ICS84329B Datasheet HTML 2Page - Integrated Circuit Systems ICS84329B Datasheet HTML 3Page - Integrated Circuit Systems ICS84329B Datasheet HTML 4Page - Integrated Circuit Systems ICS84329B Datasheet HTML 5Page - Integrated Circuit Systems ICS84329B Datasheet HTML 6Page - Integrated Circuit Systems ICS84329B Datasheet HTML 7Page - Integrated Circuit Systems ICS84329B Datasheet HTML 8Page - Integrated Circuit Systems ICS84329B Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
84329BV
www.icst.com/products/hiperclocks.html
REV. B JANUARY 18, 2006
2
Integrated
Circuit
Systems, Inc.
ICS84329B
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V
DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
N output divider. On the LOW-to-HIGH transition of the
nP_LOAD input, the data is latched and the M divider remains
loaded until the next LOW transition on nP_LOAD or until a
serial event occurs. The TEST output is Mode 000 (shift reg-
ister out) when operating in the parallel input mode. The rela-
tionship between the VCO frequency, the crystal frequency
and the M divider is defined as follows:
The M value and the required values of M0 through M8
are shown in Table 3B, Programmable VCO Frequency
Function Table. Valid M values for which the PLL will
achieve lock are defined as 250
≤ M ≤ 511. The frequency
out is defined as follows:
Serial operation occurs when nP_LOAD is HIGH and S_LOAD
is LOW. The shift register is loaded by sampling the S_DATA
bits with the rising edge of S_CLOCK. The contents of the
shift register are loaded into the M divider when S_LOAD tran-
sitions from LOW-to-HIGH. The M divide and N output divide
values are latched on the HIGH-to-LOW transition of S_LOAD.
If S_LOAD is held HIGH, data at the S_DATA input is passed
directly to the M divider on each rising edge of S_CLOCK.
The serial mode can be used to program the M and N bits and
test bits T2:T0. The internal registers T2:T0 determine the state
of the TEST output as follows:
FUNCTIONAL DESCRIPTION
NOTE: The functional description that follows describes op-
eration using a 16MHz crystal. Valid PLL loop divider values
for different crystal or input frequencies are defined in the In-
put Frequency Characteristics, Table 6, NOTE 1.
The ICS84329B features a fully integrated PLL and therefore
requires no external components for setting the loop band-
width. A series-resonant, fundamental crystal is used as the
input to the on-chip oscillator. The output of the oscillator is
divided by 16 prior to the phase detector. With a 16MHz crys-
tal this provides a 1MHz reference frequency. The VCO of the
PLL operates over a range of 250MHz to 700MHz. The output
of the M divider is also applied to the phase detector.
The phase detector and the M divider force the VCO output fre-
quency to be M times the reference frequency by adjusting the
VCO control voltage. Note that for some values of M (either too
high or too low), the PLL will not achieve lock. The output of the
VCO is scaled by a divider prior to being sent to each of the LVPECL
output buffers.The divider provides a 50% output duty cycle.
The programmable features of the ICS84329B support two
input modes to program the M divider and N output divider.
The two input operational modes are parallel and serial. Fig-
ure 1 shows the timing diagram for each mode. In parallel mode
the nP_LOAD input is LOW. The data on inputs M0 through
M8 and N0 through N1 is passed directly to the M divider and
N
fout =
fVCO
=
16
M
fxtal x
N
Time
SERIAL LOADING
PARALLEL LOADING
t
S
t
H
t
S
t
H
t
S
M, N
FIGURE 1. PARALLEL & SERIAL LOAD OPERATIONS
T2
T1
T0
N1
N0
M8
M7
M6
M5
M4
M3
M2
M1
M0
S_CLOCK
S_DATA
S_LOAD
nP_LOAD
M0:M8, N0:N1
nP_LOAD
S_LOAD
16
M
fVCO =
fxtal
x
T2
T1
T0
TEST Output
0
0
0
Shift Register Out
0
0
1
High
0
1
0
PLL Reference Xtal ÷ 16
0
1
1
VCO ÷ M
(non 50% Duty M divider)
1
0
0
fOUT
LVCMOS Output Frequency < 200MHz
1
0
1
Low
1
1
0
S_CLOCK ÷ M
(non 50% Duty Cycle M divider)
1
1
1
fOUT ÷ 4
fOUT
fOUT
fOUT
fOUT
fOUT
fOUT
fOUT
S_CLOCK ÷ N divider
fOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com