Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQP200002 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TQP200002
Description  Dual ESD Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQP200002 Datasheet(HTML) 2 Page - Qorvo, Inc

  TQP200002 Datasheet HTML 1Page - Qorvo, Inc TQP200002 Datasheet HTML 2Page - Qorvo, Inc TQP200002 Datasheet HTML 3Page - Qorvo, Inc TQP200002 Datasheet HTML 4Page - Qorvo, Inc TQP200002 Datasheet HTML 5Page - Qorvo, Inc TQP200002 Datasheet HTML 6Page - Qorvo, Inc TQP200002 Datasheet HTML 7Page - Qorvo, Inc TQP200002 Datasheet HTML 8Page - Qorvo, Inc TQP200002 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TQP200002
Dual ESD Diode
Data Sheet
–Rev H, August 12, 2019 | Subject to change without notice
- 2 of 10 -
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Supply Voltage (VDD)
+25
 V
Total Power Dissipation
+600 mW
IEC 61000-4-2 Air Discharge
+3000 V
IEC 61000-4-2 Contact Discharge
+3000 V
JEDEC Human Body Model (HBM)
+8000 V
Storage Temperature Range
−65 to +150 °C
Operating Temperature Range
-
40 to +85 °C
Maximum Junction Temperature (for >106 hours MTTF)
+160
 °C
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may reduce device reliability.
Electrical Specifications
Parameter
Condition (1)
Min
Typ
Max
Unit
Supply Voltage (VD13)
-7
+7
V
Supply Voltage (VD12)
-7
+7
V
Supply Voltage (VD23)
-17
+17
V
Trigger Voltage (V1)
P1, 3
+13
+18
+23
V
Clamp Voltage (VC11)
P1, 3
+10
+15
+20
V
Leakage Current (Ileak1)
1 V
+20
nA
Leakage Current (Ileak1)
15 V
+500
nA
Capacitance (C1)
1 V, 10 MHz
+290
fF
Trigger Voltage (V2)
P1, 2
+20
+25
+30
V
Clamp Voltage (VC12)
P1, 2
+10
+15
+20
V
Leakage Current (Ileak2)
1 V
+20
nA
Leakage Current (Ileak2)
15 V
+500
nA
Capacitance (C2)
1 V, 10 MHz
+290
fF
Trigger Voltage (V3)
P2, 3
+31
+41
+46
V
Clamp Voltage (VC13)
P2, 3
+20
+30
+40
V
Leakage Current (Ileak3)
1 V
+15
nA
Leakage Current (Ileak3)
15 V
+300
nA
Capacitance (C3)
1 V, 10 MHz
+220
fF
Notes:
1. Typical performance at these conditions: Temp = +25
 °C, 75 Ω system



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com