Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5916C/KD Datasheet(PDF) 11 Page - Microchip Technology

Part # USB5916C/KD
Description  6-Port USB 3.2 Gen 1 SmartHubTM with Support for a USB Type-C짰 UFP and DFP
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5916C/KD Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB5916C/KD Datasheet HTML 7Page - Microchip Technology USB5916C/KD Datasheet HTML 8Page - Microchip Technology USB5916C/KD Datasheet HTML 9Page - Microchip Technology USB5916C/KD Datasheet HTML 10Page - Microchip Technology USB5916C/KD Datasheet HTML 11Page - Microchip Technology USB5916C/KD Datasheet HTML 12Page - Microchip Technology USB5916C/KD Datasheet HTML 13Page - Microchip Technology USB5916C/KD Datasheet HTML 14Page - Microchip Technology USB5916C/KD Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
USB5916
DS00002243E-page 11
2016-2021 Microchip Technology Inc.
USB 3.1 Gen 1
Upstream A
D- RX
USB3UP_RXDMA
I/O-U
Upstream USB Type-C “Orientation A” USB 3.1 Gen 1
Receive Data Minus
USB 3.1 Gen 1
Upstream B
D+ TX
USB3UP_TXDPB
I/O-U
Upstream USB Type-C “Orientation B” USB 3.1 Gen 1
Transmit Data Plus
USB 3.1 Gen 1
Upstream B
D- TX
USB3UP_TXDMB
I/O-U
Upstream USB Type-C “Orientation B” USB 3.1 Gen 1
Transmit Data Minus
USB 3.1 Gen 1
Upstream B
D+ RX
USB3UP_RXDPB
I/O-U
Upstream USB Type-C “Orientation B” USB 3.1 Gen 1
Receive Data Plus
USB 3.1 Gen 1
Upstream B
D- RX
USB3UP_RXDMB
I/O-U
Upstream USB Type-C “Orientation B” USB 3.1 Gen 1
Receive Data Minus
USB 3.2 Gen 1
Ports 5-2
D+ TX
USB3DN_TXDP[5:2]
I/O-U
Downstream Super Speed Transmit Data Plus,
ports 5 through 2.
USB 3.2 Gen 1
Ports 5-2
D- TX
USB3DN_TXDM[5:2]
I/O-U
Downstream Super Speed Transmit Data Minus,
ports 5 through 2.
USB 3.2 Gen 1
Ports 5-2
D+ RX
USB3DN_RXDP[5:2]
I/O-U
Downstream Super Speed Receive Data Plus,
ports 5 through 2.
USB 3.2 Gen 1
Ports 5-2
D- RX
USB3DN_RXDM[5:2]
I/O-U
Downstream Super Speed Receive Data Minus,
ports 5 through 2.
USB 3.1 Gen 1
Port 1 A
D+ TX
USB3DN_TXDP1A
I/O-U
Downstream USB Type-C “Orientation A” Super Speed
Transmit Data Plus, port 1.
USB 3.1 Gen 1
Port 1 A
D- TX
USB3DN_TXDM1A
I/O-U
Downstream USB Type-C “Orientation A” Super Speed
Transmit Data Minus, port 1.
USB 3.1 Gen 1
Port 1 A
D+ RX
USB3DN_RXDP1A
I/O-U
Downstream USB Type-C “Orientation A” Super Speed
Receive Data Plus, port 1.
USB 3.1 Gen 1
Port 1 A
D- RX
USB3DN_RXDM1A
I/O-U
Downstream USB Type-C “Orientation A” Super Speed
Receive Data Minus, port 1.
USB 3.1 Gen 1
Port 1 B
D+ TX
USB3DN_TXDP1B
I/O-U
Downstream USB Type-C “Orientation B” Super Speed
Transmit Data Plus, port 1.
TABLE 3-2:
USB 3.2 GEN 1 PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com