Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IUT-F190-R4-V1-FR2-13 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # IUT-F190-R4-V1-FR2-13
Description  Read/write station
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IUT-F190-R4-V1-FR2-13 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  IUT-F190-R4-V1-FR2-13 Datasheet HTML 1Page - Pepperl+Fuchs Inc. IUT-F190-R4-V1-FR2-13 Datasheet HTML 2Page - Pepperl+Fuchs Inc. IUT-F190-R4-V1-FR2-13 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data
Connection
connector M12 x 1
Material
Housing
PA 6.6
Base
diecast aluminum
Mass
860 g
Connection
Shield
do not connect
+
A
-
B
1
2
3
5
4
1
4
5
2
3
Accessories
IUC76-34-M-FR2
Data carrier
IUC76-50-FR2
Data carrier
IUC76-F157-T17-M-FR2
Data carrier for standard applications
IUC76-F157-T18-M-FR2
Data carrier for paint shop applications
IUC76-F157-T19-M-FR2
Data carrier for autoclave applications
IUC76-28L90-M-FR2
25pcs
Data carrier
IUC77-25L100-GBL
1000pcs
Data carrier
IUZ-MH13
Mounting bracket for wall mounting
IUZ-MH15
Mounting aid for round steel ø 12 mm or sheet 1.5 mm ... 3 mm
V1-G-2M-PUR-ABG-V1-W Cordset M12 socket straight to M12 plug angled A-coded, 4-pin, PUR cable grey, shielded
V1-G-5M-PUR-ABG-V1-W Cordset M12 socket straight to M12 plug angled A-coded, 4-pin, PUR cable grey, shielded
V1-G-10M-PUR-ABG-
V1-W
Cordset M12 socket straight to M12 plug angled A-coded, 4-pin, PUR cable grey, shielded
Read/write station
IUT-F190-R4-V1-FR2-13
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com