Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840002 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS840002
Description  FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840002 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS840002 Datasheet HTML 1Page - Integrated Circuit Systems ICS840002 Datasheet HTML 2Page - Integrated Circuit Systems ICS840002 Datasheet HTML 3Page - Integrated Circuit Systems ICS840002 Datasheet HTML 4Page - Integrated Circuit Systems ICS840002 Datasheet HTML 5Page - Integrated Circuit Systems ICS840002 Datasheet HTML 6Page - Integrated Circuit Systems ICS840002 Datasheet HTML 7Page - Integrated Circuit Systems ICS840002 Datasheet HTML 8Page - Integrated Circuit Systems ICS840002 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated
Circuit
Systems, Inc.
840002AGI
www.icst.com/products/hiperclocks.html
REV. A MARCH 10, 2005
1
ICS840002I
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS840002I is a 2 output LVCMOS/LVTTL
Synthesizer optimized to generate Fibre Channel
reference clock frequencies and is a member of
the HiPerClocksTM family of high performance
clock solutions from ICS. Using a 26.5625MHz
18pF parallel resonant crystal, the following frequencies can be
generated based on the 2 frequency select pins (F_SEL1:0):
212.5MHz, 159.375MHz, 156.25MHz, 106.25MHz, and
53.125MHz.The ICS840002I uses ICS’ 3rd generation low phase
noise VCO technology and can achieve 1ps or lower typical
rms phase jitter, easily meeting Fibre Channel jitter requirements.
The ICS840002I is packaged in a 16-pin TSSOP package.
HiPerClockS™
ICS
BLOCK DIAGRAM
PIN ASSIGNMENT
F_SEL0
nXTAL_SEL
TEST_CLK
OE
MR
nPLL_SEL
VDDA
VDD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
F_SEL1
GND
GND
Q0
Q1
VDDO
XTAL_IN
XTAL_OUT
ICS840002I
16-Lead TSSOP
4.4mm x 5.0mm x 0.92mm
package body
G Package
Top View
FEATURES
• Two LVCMOS outputs @ 3.3V, 17
Ω typical output impedance
• Selectable crystal oscillator interface
or LVCMOS single-ended input
• Output frequency range: 46.66MHz - 233.33MHz
• VCO range: 560MHz - 700MHz
• Supports the following output frequencies: 212.5MHz,
159.375MHz, 156.25MHz, 106.25MHz and 53.125MHz
• RMS phase jitter @ 212.5MHz (637KHz - 10MHz):
0.83ps (typical)
Typical phase noise at 212.5MHz:
Offset
Noise Power
100Hz ............... -91.3 dBc/Hz
1KHz .............. -114.3 dBc/Hz
10KHz .............. -120.7 dBc/Hz
100KHz .............. -120.2 dBc/Hz
• Power supply modes:
Core/Output
3.3V/3.3V
3.3V/2.5V
2.5V/2.5V
• -40°C to 85°C ambient operating temperature
• Lead-Free package RoHS compliant
Q0
Q1
OE
F_SEL1:0
nPLL_SEL
nXTAL_SEL
XTAL_IN
XTAL_OUT
TEST_CLK
MR
OSC
Phase
Detector
VCO
M = ÷24 (fixed)
F_SEL1:0
0 0 ÷3
0 1 ÷4
1 0 ÷6
1 1 ÷12 (default)
0
1
1
0
2
N
26.5625MHz
Pullup
Pulldown
Pulldown
Pulldown
Pullup:Pullup
Pulldown
FREQUENCY SELECT FUNCTION TABLE
y
c
n
e
u
q
e
r
F
t
u
p
n
I
)
z
H
M
(
s
t
u
p
n
I
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
)
z
H
M
(
1
L
E
S
_
F0
L
E
S
_
Fe
u
l
a
V
r
e
d
i
v
i
D
Me
u
l
a
V
r
e
d
i
v
i
D
Ne
u
l
a
V
o
i
t
a
R
N
/
M
5
2
6
5
.
6
20
0
4
23
8
5
.
2
1
2
5
2
6
5
.
6
20
1
4
24
6
5
7
3
.
9
5
1
5
2
6
5
.
6
21
0
4
26
4
5
2
.
6
0
1
5
2
6
5
.
6
21
1
4
22
12
5
2
1
.
3
5
6
6
1
4
0
.
6
20
1
4
24
6
5
2
.
6
5
1


Similar Part No. - ICS840002

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840002 ICST-ICS840002 Datasheet
196Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/
ICS840002-01 ICST-ICS840002-01 Datasheet
199Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002-32 ICST-ICS840002-32 Datasheet
141Kb / 8P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002AG ICST-ICS840002AG Datasheet
196Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/
ICS840002AG-01 ICST-ICS840002AG-01 Datasheet
199Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS840002

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840004 ICST-ICS840004 Datasheet
310Kb / 13P
FEMTOCLOCKS CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A SEPTEMBER 16, 2004
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840001I ICST-ICS840001I Datasheet
175Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004I ICST-ICS840004I Datasheet
168Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JUNE 28, 2005
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A APRIL 7, 2005
ICS840021I ICST-ICS840021I Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A MAY 19, 2005
ICS840051I ICST-ICS840051I Datasheet
210Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JANUARY 14, 2005
logo
Integrated Device Techn...
ICS840002I-01 IDT-ICS840002I-01 Datasheet
264Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com