Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09181069422 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09181069422
Description  SEK 2R 6P Kinked pre-assy cover W/O SR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09181069422 Datasheet(HTML) 1 Page - HARTING Technology Group

  09181069422 Datasheet HTML 1Page - HARTING Technology Group 09181069422 Datasheet HTML 2Page - HARTING Technology Group 09181069422 Datasheet HTML 3Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
09 18 106 9422
SEK 2R 6P Kinked pre-assy cover W/O SR
SEK 2R 6P Kinked pre-assy cover W/O SR
Image is for illustration purposes only. Please refer to product description.
Part number
09 18 106 9422
Specification
SEK 2R 6P Kinked pre-assy cover W/O
SR
HARTING eCatalogue
https://b2b.harting.com/09181069422
Identification
Category
Connectors
Series
SEK Low-profile
Element
PCB transition connectors
Description of the contact
Straight
Version
Termination method
Solder termination
IDC termination
Connection type
PCB to cable
Number of contacts
6
Termination length
2.9 mm
Details
2 kinked pins at each extremity
Details
for IDC flat cable 1.27 mm (0.050") pitch
AWG 28/7
Technical characteristics
Contact rows
2
Contact spacing (termination side)
2.54 mm
Contact spacing (mating side)
1.27 mm
Mounting height
5.5 mm
Rated current
2.6 A
Insulation resistance
>109 Ω
Contact resistance
≤35 mΩ
Limiting temperature
-55 ... +105 °C
Page 1 / 3 | Creation date 2021-08-27 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electronics GmbH | Marienwerderstraße 3 | 32339 Espelkamp | Germany
Phone +49 5772 47-97200 | electronics@HARTING.com | www.HARTING.com


Similar Part No. - 09181069422

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09181069622 HARTING-09181069622 Datasheet
632Kb / 3P
SEK 2R 6P STD pre-assy cover W/O SR
More results

Similar Description - 09181069422

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-18-160-9422 HARTING-09-18-160-9422 Datasheet
632Kb / 3P
SEK 2R 60P Kinked pre-assy cover W/O SR
09-18-140-9422 HARTING-09-18-140-9422 Datasheet
632Kb / 3P
SEK 2R 40P Kinked pre-assy cover W/O SR
09-18-134-9422 HARTING-09-18-134-9422 Datasheet
632Kb / 3P
SEK 2R 34P Kinked pre-assy cover W/O SR
09-18-130-9422 HARTING-09-18-130-9422 Datasheet
632Kb / 3P
SEK 2R 30P Kinked pre-assy cover W/O SR
09-18-124-9422 HARTING-09-18-124-9422 Datasheet
632Kb / 3P
SEK 2R 24P Kinked pre-assy cover W/O SR
09-18-116-9422 HARTING-09-18-116-9422 Datasheet
632Kb / 3P
SEK 2R 16P Kinked pre-assy cover W/O SR
09-18-110-9422 HARTING-09-18-110-9422 Datasheet
632Kb / 3P
SEK 2R 10P Kinked pre-assy cover W/O SR
09-18-104-9422 HARTING-09-18-104-9422 Datasheet
632Kb / 3P
SEK 2R 4P Kinked pre-assy cover W/O SR
09-18-106-9622 HARTING-09-18-106-9622 Datasheet
632Kb / 3P
SEK 2R 6P STD pre-assy cover W/O SR
09-18-108-9422 HARTING-09-18-108-9422 Datasheet
632Kb / 3P
SEK 2R 8P Kinked pre-assy cover W/O SR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com