Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84427 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS84427
Description  CRYSTAL-TO-LVDS INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84427 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS84427 Datasheet HTML 5Page - Integrated Circuit Systems ICS84427 Datasheet HTML 6Page - Integrated Circuit Systems ICS84427 Datasheet HTML 7Page - Integrated Circuit Systems ICS84427 Datasheet HTML 8Page - Integrated Circuit Systems ICS84427 Datasheet HTML 9Page - Integrated Circuit Systems ICS84427 Datasheet HTML 10Page - Integrated Circuit Systems ICS84427 Datasheet HTML 11Page - Integrated Circuit Systems ICS84427 Datasheet HTML 12Page - Integrated Circuit Systems ICS84427 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
84427CM
www.icst.com/products/hiperclocks.html
REV. D NOVEMBER 30, 2005
9
Integrated
Circuit
Systems, Inc.
ICS84427
CRYSTAL-TO-LVDS
INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
PRELIMINARY
FIGURE 4A. ICS84427 SCHEMATIC EXAMPLE
SCHEMATIC EXAMPLE
Figure 4A shows a schematic example of using an ICS84427. In
this example, the input is a 25MHz parallel resonant crystal with
load capacitor CL=18pF. The frequency fine tuning capacitors
C1 and C2 is 22pF and 18pF respectively. This example also
shows logic control input handling. The configuration is set at
F_SEL[2:0]=101, therefore, the output frequency is 156.25MHz.
It is recommended to have one decouple capacitor per power
pin. Each decoupling capacitor should be located as close as
possible to the power pin.The low pass filter R7, C11 and C16 for
clean analog supply should also be located as close to the VDDA
pin as possible. For LVDS driver, the unused output pairs should
be terminated with a 100
Ω resistor across.
F_SEL0
VDD
C5
0.1u
F_SEL2
VDDA
VDD
LVDS_input
+
-
RD3
SP
VDD
VDD=3.3V
VDD
F_SEL1
C11
0.1u
C2
18p
R5
1K
(U1,16)
VDD
C3
0.1u
R1
100
VDD
RU2
SP
SP = Spare, Not Installed
(U1,24)
Zo = 50
R4
1K
F_SEL0
(U1,13)
C16
10u
RU3
1K
e.g. F_SEL[2:0]=101
Zo = 50
X1
25MHz,18pF
F_SEL2
C6
0.1u
U1
ICS84427
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
VDD
VEE
PLL_SEL
VDD
VDDA
F_SEL2
XTAL_OUT
XTAL_IN
MR
F_SEL1
F_SEL0
VDD
RD1
SP
F_SEL1
RU1
1K
RD2
1K
C1
22p
R7
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com