Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

211AI01L Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # 211AI01L
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

211AI01L Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button 211AI01L Datasheet HTML 3Page - Integrated Circuit Systems 211AI01L Datasheet HTML 4Page - Integrated Circuit Systems 211AI01L Datasheet HTML 5Page - Integrated Circuit Systems 211AI01L Datasheet HTML 6Page - Integrated Circuit Systems 211AI01L Datasheet HTML 7Page - Integrated Circuit Systems 211AI01L Datasheet HTML 8Page - Integrated Circuit Systems 211AI01L Datasheet HTML 9Page - Integrated Circuit Systems 211AI01L Datasheet HTML 10Page - Integrated Circuit Systems 211AI01L Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
85211AMI-01
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 1, 2005
7
Integrated
Circuit
Systems, Inc.
ICS85211I-01
LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-HSTL FANOUT BUFFER
CLOCK INPUT INTERFACE
The CLK /nCLK accepts differential input signals of both V
SWING
and V
OH to meet the VPP and VCMR input requirements. Figures 3A
to 3D show interface examples for the ICS85211I-01 clock input
driven by most common driver types. The input interfaces sug-
gested here are examples only. Please consult with the vendor
FIGURE 3A. ICS85211I-01 CLK/NCLK INPUT DRIVEN BY
HIPERCLOCKS HSTL DRIVER
1.8V
R2
50
Input
LVHSTL Driver
ICS
HiPerClockS
R1
50
LVHSTL
3.3V
Zo = 50 Ohm
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
of the driver components to confirm the driver termination require-
ment. For example in Figure 3, the input termination applies for
ICS HiPerClockS HSTL drivers. If you are using an HSTL driver
from another vendor, use their termination recommendation.
FIGURE 3B. ICS85211I-01 CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER (INTERFACE 1)
FIGURE 3C. ICS85211I-01 CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER (INTERFACE 2)
3.3V
R1
50
R3
50
Zo = 50 Ohm
LVPECL
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
3.3V
Input
R2
50
Zo = 50 Ohm
Input
HiPerClockS
CLK
nCLK
3.3V
R3
125
R2
84
Zo = 50 Ohm
3.3V
R4
125
LVPECL
R1
84
3.3V
FIGURE 3D. ICS85211I-01 CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER WITH AC COUPLE
R3
125
LVPECL
R1
84
C1
R2
84
HiPerClockS
CLK
nCLK
R5,R6 locate near the driv er pin.
Zo = 50 Ohm
3.3V
3.3V
C2
R4
125
R6
100-200
Zo = 50 Ohm
R5
100-200
3.3V
Input
RECOMMENDATIONS FOR UNUSED OUTPUT PINS
OUTPUTS:
HSTL OUTPUT
All unused HSTL outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential
output pair should either be left floating or terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com