Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX31913 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX31913
Description  Fully Assembled and Tested
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31913 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX31913 Datasheet HTML 1Page - Maxim Integrated Products MAX31913 Datasheet HTML 2Page - Maxim Integrated Products MAX31913 Datasheet HTML 3Page - Maxim Integrated Products MAX31913 Datasheet HTML 4Page - Maxim Integrated Products MAX31913 Datasheet HTML 5Page - Maxim Integrated Products MAX31913 Datasheet HTML 6Page - Maxim Integrated Products MAX31913 Datasheet HTML 7Page - Maxim Integrated Products MAX31913 Datasheet HTML 8Page - Maxim Integrated Products MAX31913 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Detailed Description of Hardware
User-Supplied SPI Interface
The USB-to-SPI dongle is an optional PCB that is only
needed to interact with the MAX31912/MAX31913 soft-
ware. The user has the option to supply an external SPI
interface to communicate with the devices. To connect a
user-supplied SPI interface, remove the dongle from J3
and connect an external SPI interface to the pins on J3.
Removing the dongle also removes the isolator so the
user may also want to provide an external digital isolator.
*These inputs have internal pullups.
Troubleshooting
All effort have been made to ensure that each kit works on
the first try, right out-of-the-box. In the rare occasion that
a problem is suspected, see Table 4 to help troubleshoot
the issue.
Table 2. Description of Jumpers
Table 1. Hardware Configurations
Table 3. Description of LEDs
LED
COLOR
DESCRIPTION
D1–D8
Red
Field Input LED Driver: Field input is logic-high.
D10
Red
Fault: MAX31912/MAX31913 has detected a fault. The field supply is too low or the IC
temperature is too high.
D50 (POWER)
Red
USB Power Fault: A fault occurred due to overvoltage limit, current limit, or thermal limit
Green
USB Power: USB power supply is on.
D51 (COM)
Red
Communication: After the software has initialized the hardware the LED flashes red when
a command from the PC is received.
Green
Initialized: Hardware has been initialized by software.
JUMPER
DESCRIPTION
J2
RIREF: Connects R1 to RIREF pin
J6*
DB0: Pulls DB0 down to GND
DB1: Pulls DB1 down to GND
MODESEL: Pulls MODESEL down to GND.
SIN: Pulls SIN down to GND
FIN1–FIN8 Field Inputs: Connects field input FINX to VIN
HARDWARE ACTION
COMPONENTS
DESCRIPTION
Connect field inputs
J5
Remove pullup jumpers FIN1–FIN8 and connect field inputs to J5.
Adjust current limit
J2
Remove jumper on J2 and connect external resistor to the RIREF pin on J2.
Connect other end of the resistor to GND.
Daisy-chain MAX31912/
MAX31913
SIN (J6)
Remove SIN jumper on J6 and connect external MAX31912/MAX31913
SOUT to SIN on J6.
Remove isolation
R58 – R61
On the USB-to-SPI dongle, populate 0Ω resistors on R58–R61.
Connect user-supplied SPI
interface
J3
Remove USB-to-SPI dongle from J3 and connect user SPI interface to J3
pins.
Note: This also removes the digital isolator. See the User-Supplied
SPI Interface section for more details.
Evaluate:
MAX31912/MAX31913
MAX31912/MAX31913 Evaluation Kits
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com