Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2PMB2# Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # USB2PMB2#
Description  On-Board I2C to 1-Wire Converter (DS2482)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2PMB2# Datasheet(HTML) 5 Page - Maxim Integrated Products

  USB2PMB2# Datasheet HTML 1Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 2Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 3Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 4Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 5Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 6Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 7Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Maxim Integrated │ 5
www.maximintegrated.com
Evaluates: MAX31825
MAX31825 Evaluation System
MAX31825 EV System Bill of Materials
ITEM
QTY
REF DES
VAR STATUS
MAXINV
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
COMMENTS
1
9
ALARM0, ALARM1,
DQ0, DQ1, SCL, SDA,
VCC0, VCC1, VPU
Pref
02-TPCOMP5007-00
5007 KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN;
TOTAL LENGTH=0.35IN; BOARD
HOLE=0.063IN; WHITE; PHOSPHOR BRONZE
WIRE SILVER PLATE FINISH;
RECOMMENDED FOR BOARD
THICKNESS=0.062IN; NOT FOR COLD
TEST;NOTE: SET TO OBSOLETE DUE TO
CORRECTION IN STEP MODEL COLOR
2
3
C1-C3
Pref
20-000U1-BA63
GCJ188R71H104KA12;
GCM188R71H104K;
CGA3E2X7R1H104K080AA
MURATA;MURATA;TDK
0.1UF
CAPACITOR; SMT (0603); CERAMIC
CHIP; 0.1UF; 50V; TOL=10%; TG=-55 DEGC
TO +125 DEGC; TC=X7R; AUTO
3
2
GND, GND1
Pref
02-TPCOMP5006-00
5006 KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL
LENGTH=0.35IN; BOARD HOLE=0.063IN;
BLACK; PHOSPHOR BRONZE WIRE SILVER
PLATE FINISH; RECOMMENDED FOR BOARD
THICKNESS=0.062IN; NOT FOR COLD
TEST;NOTE: SET TO OBSOLETE DUE TO
CORRECTION IN STEP MODEL COLOR
4
1
J1
Pref
01-TSW10608SSRA6P-19
TSW-106-08-S-S-RA
SAMTEC
TSW-106-08-S-S-RA
CONNECTOR; MALE; THROUGH HOLE;
0.025 INCH SQUARE POST HEADER; RIGHT
ANGLE; 6PINS
5
5
J2, J4-J7
Pref
01-TSW10307TS3P-17
TSW-103-07-T-S
SAMTEC
TSW-103-07-T-S
CONNECTOR; THROUGH HOLE; TSW
SERIES; SINGLE ROW; STRAIGHT; 3PINS
6
2
J8, J9
Pref
01-PEC04SAAN4P-21
PEC04SAAN
SULLINS ELECTRONICS CORP.
PEC04SAAN
CONNECTOR; MALE; THROUGH HOLE;
BREAKAWAY; STRAIGHT; 4PINS
7
4
R1-R4
Pref
80-004K7-19
CRCW06034K70FK
VISHAY DALE
4.7K
RESISTOR; 0603; 4.7K; 1%; 100PPM;
0.10W; THICK FILM
8
2
R5, R6
Pref
80-04K99-CA18
RNCP0603FTD4K99
STACKPOLE ELECTRONICS INC
4.99K
RESISTOR; 0603; 4.99K OHM; 1%;
100PPM; 0.125W; THIN FILM
9
8
SU1-SU8
Pref
02-JMPFS1100B-00
S1100-B;SX1100-B;STC02SYAN
KYCON;KYCON;SULLINS
ELECTRONICS CORP.
SX1100-B
TEST POINT; JUMPER; STR; TOTAL
LENGTH=0.24IN; BLACK;
INSULATION=PBT;PHOSPHOR BRONZE
CONTACT=GOLD PLATED
10
1
U1
Pref
00-SAMPLE-03
MAX31825ANT+
MAXIM
MAX31825ANT+
EVKIT PART - IC; 1-WIRE TEMPERATURE
SENSOR WITH ADDRESS AND ALARM; +/- 1
DEGREE CELCIUS ACCURACY; PACKAGE
OUTLINE: 21-100395; PACKAGE CODE:
N61A1+1; WLP6
11
1
U3
Pref
10-DS2482S100-S
DS2482S-100+
MAXIM
DS2482S-100+
IC; INFC; SINGLE-CHANNEL 1-WIRE
MASTER; NSOIC8; NOTE: SET TO OBSOLETE
TO UPDATE TO MAXIM STANDARD
FOOTPRINT. KINDLY USE PART WITH JEDEC
TYPE MAXIM_90-0096
12
1
VDD
Pref
02-TPCOMP5005-00
5005 KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL
LENGTH=0.35IN; BOARD HOLE=0.063IN; RED;
PHOSPHOR BRONZE WIRE SILVER PLATE
FINISH; RECOMMENDED FOR BOARD
THICKNESS=0.062IN ;NOTE: SET TO
OBSOLETE DUE TO CORRECTION IN STEP
MODEL COLOR
13
1
PCB
-
EPCB31825
MAX31825
MAXIM
PCB
PCB:MAX31825
-
TOTAL
40
DO NOT PURCHASE(DNP)
ITEM
QTY
REF DES
VAR STATUS
MAXINV
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
COMMENTS
1
1
Q1
DNP
EQ111000002627
BSS84Q-7-F
DIODES INCORPORATED
BSS84Q-7-F
TRAN; PCH; MOSFET; SOT-23;
PD-(0.3W); I-(-0.13A); V-(-50V)
DNI
2
1
U2
DNP
N/A
MAX31825ALT+
MAXIM
MAX31825ALT+
EVKIT PART - IC; 1-WIRE TEMPERATURE
SENSOR WITH ADDRESS AND ALARM; +/- 1
DEGREE CELCIUS ACCURACY; PACKAGE
OUTLINE: 21-0164; PACKAGE CODE:
LC622+1C; UDFN6
TOTAL
2
PACKOUT (These are purchased parts but not assembled on PCB and will be shipped with PCB)
ITEM
QTY
REF DES
VAR STATUS
MAXINV
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
COMMENTS
TOTAL
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com