Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX30003 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX30003
Description  MAX30003 Biopotential AFE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30003 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX30003 Datasheet HTML 1Page - Maxim Integrated Products MAX30003 Datasheet HTML 2Page - Maxim Integrated Products MAX30003 Datasheet HTML 3Page - Maxim Integrated Products MAX30003 Datasheet HTML 4Page - Maxim Integrated Products MAX30003 Datasheet HTML 5Page - Maxim Integrated Products MAX30003 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX30003
Biopotential AFE
MAX30003WING Expansion Board
MAX30003WING EV Kit Bill of Materials
QTY
REF_DES
MFG
PART NUMBER
DESCRIPTION
5
C1, C2, C4,
C10, C11
SAMSUNG
CL05B105KQ5NQNC
CAPACITOR; SMT (0402); CERAMIC CHIP; 1UF; 6.3V;
TOL=10%; TG=-55 DEGC TO +125 DEGC; TC=X7R
3
C3, C5, C13
MURATA
GRM188R61A106KE69
CAPACITOR; SMT (0603); CERAMIC CHIP; 10UF; 10V;
TOL=10%; TG=-55 DEGC TO +85 DEGC; TC=X5R
2
C6, C7
MURATA
GRM1555C1H102JA01
CAPACITOR; SMT (0402); CERAMIC CHIP; 1000PF;
50V; TOL=5%; TG=-55 DEGC TO +125 DEGC
2
C8, C9
KEMET
C0402C100D5GAC
CAPACITOR; SMT (0402); CERAMIC CHIP; 10PF; 50V;
TOL=0.5PF; TG=-55 DEGC TO +125 DEGC; TC=C0G
1
C12
MURATA
GRM155R71A104JA01
CAPACITOR; SMT (0402); CERAMIC CHIP; 0.1UF; 10V;
TOL=5%; TG=-55 DEGC TO +125 DEGC; TC=X7R
1
H2
SAMTEC
SSQ-106-02-T-S-RA
CONNECTOR; FEMALE; THROUGH HOLE; .025INCH
SQ POST SOCKET; RIGHT ANGLE; 6PINS
1
J1
SWITCHCRAFT
35RASMT2BHNTRX
CONNECTOR; FEMALE; SMT; 3.5MM PHONE JACK;
RIGHT ANGLE; 3PINS
2
R3, R4
YAGEO
RC0603FR-0749K9L
RESISTOR; 0603; 49.9K OHM; 1%; 100PPM; 0.10W;
THICK FILM
1
R5
SAMSUNG
ELECTRONICS
RC1608J000CS
RESISTOR; 0603; 0 OHM; 5%; JUMPER; 0.10W; THICK
FILM
1
R7
VISHAY DALE
CRCW0603499KFK
RESISTOR; 0603; 499K OHM; 1%; 100PPM; 0.1W;
THICK FILM
1
U1
MAXIM
MAX1726EUK18+
IC; REG; 12V; ULTRA-LOW IQ; LOW-DROPOUT
LINEAR REGULATOR; SOT23-5
1
U2
MAXIM
MAX30003CTI+
IC; AFEC; ULTRA-LOW POWER; SINGLE-CHANNEL
INTEGRATED BIOPOTENTIAL (ECG R TO R
DETECTION) AFE; TQFN28-EP
1
Y1
SARONIX
KX3211A0032.768000
CRYSTAL; SMT 3.2X2.5; 15PF; 32.768KHZ; +/-20PPM;
+/-50PPM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com