Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5310AI01N Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS5310AI01N
Description  LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS5310AI01N Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS5310AI01N Datasheet HTML 6Page - Integrated Circuit Systems ICS5310AI01N Datasheet HTML 7Page - Integrated Circuit Systems ICS5310AI01N Datasheet HTML 8Page - Integrated Circuit Systems ICS5310AI01N Datasheet HTML 9Page - Integrated Circuit Systems ICS5310AI01N Datasheet HTML 10Page - Integrated Circuit Systems ICS5310AI01N Datasheet HTML 11Page - Integrated Circuit Systems ICS5310AI01N Datasheet HTML 12Page - Integrated Circuit Systems ICS5310AI01N Datasheet HTML 13Page - Integrated Circuit Systems ICS5310AI01N Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
85310AYI-01
www.icst.com/products/hiperclocks.html
REV. F JANUARY16, 2006
10
Integrated
Circuit
Systems, Inc.
ICS85310I-01
LOW SKEW, 1-TO-10
DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
θθθθθ
JA
by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
67.8°C/W
55.9°C/W
50.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS85310I-01.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS85310I-01 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC = 3.8V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
• Power (core)
MAX = VCC_MAX * IEE_MAX = 3.8V * 120mA = 456mW
• Power (outputs)
MAX = 30.2mW/Loaded Output pair
If all outputs are loaded, the total power is 10 * 30.2mW = 302mW
Total Power
_MAX (3.8V, with all outputs switching) = 456mW + 302mW = 758mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockSTM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming a
moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 42.1°C/W per Table 5 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.758W * 42.1°C/W = 117°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).
TABLE 5. THERMAL RESISTANCE
θθθθθ
JA
FOR
32-PIN LQFP, FORCED CONVECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com