Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4367 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4367
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 7Page - Analog Devices LTC4367 Datasheet HTML 8Page - Analog Devices LTC4367 Datasheet HTML 9Page - Analog Devices LTC4367 Datasheet HTML 10Page - Analog Devices LTC4367 Datasheet HTML 11Page - Analog Devices LTC4367 Datasheet HTML 12Page - Analog Devices LTC4367 Datasheet HTML 13Page - Analog Devices LTC4367 Datasheet HTML 14Page - Analog Devices LTC4367 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTC4249
11
Rev. 0
For more information www.analog.com
BOTH CHANNELS
STARTING TOGETHER
TA = 125°C
TA = 100°C
TA = 25°C
TA = –40°C
POWER DISSIPATION (W)
0.1
1
10
100
0.001
0.01
0.1
1
5
Thermal Shutdown Time
vs Power Dissipation
4249 F04
Figure 4. Thermal Shutdown Time vs Power Dissipation
Figure 5 provides temperature derating information for
input voltage and output capacitance during the inrush
portion of operation. If the output capacitance is 47µF (or
less), 65V operation is possible at any allowed ambient
temperature. At 100µF, input voltage should be reduced
by –375mV/°C, starting at 90°C ambient. Connecting the
exposed back pad to a ground plane is recommended for
heat removal.
BOTH CHANNELS
STARTING TOGETHER
47µF
100µF
TA (°C)
80 85 90 95 100 105 110 115 120 125
50
55
60
65
70
Start-Up Voltage Derating vs
Ambient Temperature and Capacitor Load
4249 F05
Figure 5. High Temperature Start-Up Derating
Short-Circuit Protection
During the first 300µs of the 10ms current limited operat-
ing phase, the OUT voltage is monitored for voltage rise.
If the OUT voltage does not exceed 1.2V at the 300µs time
point, OUT is considered shorted and the ECB turns off.
At the conclusion of the 10ms current limited operating
phase, the short-circuit logic is inverted. If OUT should
fall below 1.2V, OUT is again considered shorted and the
ECB turns off. The short-circuit comparator response time
is typically 2µs for 50mV overdrive.
An important applications consideration under a short-
circuit event is the amount of inductance between the ECB
outputs and the load. An antenna array with multiple RF
PAs could have inches of trace inductance between the
ECB channel outputs and each PA. It is recommended to
keep load path inductance below 400nH.
When the ECB is on and the load end is shorted through
an inductance as shown in Figure 6, the ECB current
increases rapidly. Peak current is a function of the out-
put voltage, trace inductance and the time to turn off the
ECB. The secondary OC and short-circuit comparators
have limited bandwidth (about 2µs response time) and
are not sufficiently fast enough to limit the current build
up to typical OC setpoints under an inductive hard short.
However, the ECB controller itself does have limited cur-
rent compliance, allowing the OUT voltage to fall, keep-
ing the ECB inside its safe operating area. After reaching
peak current, the ECB dissipates the inductor energy and
turns off. The integrated protections eliminate the need
for large high-power and high-voltage Schottky diodes
at the OUT pin.
LTC4249
VDRAIN
TRACE INDUCTANCE
(≤12")
OUT
IN
SHORT-
CIRCUIT
+–
PA
4249 F06
Figure 6. Load Short with Inductance
The input voltage side of the ECB should also have low
inductance. For array applications, a large low impedance
layout is recommended for input voltage distribution. It is
recommended to keep the input supply path inductance
below 400nH. A 1µF (or greater) bypass capacitor placed
close to the IN inputs and ground is recommended.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com