Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85314AM-01 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS85314AM-01
Description  LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85314AM-01 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS85314AM-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS85314AM-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS85314AM-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS85314AM-01 Datasheet HTML 10Page - Integrated Circuit Systems ICS85314AM-01 Datasheet HTML 11Page - Integrated Circuit Systems ICS85314AM-01 Datasheet HTML 12Page - Integrated Circuit Systems ICS85314AM-01 Datasheet HTML 13Page - Integrated Circuit Systems ICS85314AM-01 Datasheet HTML 14Page - Integrated Circuit Systems ICS85314AM-01 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
85314AG-01
www.icst.com/products/hiperclocks.html
REV. B JUNE 21, 2002
13
Integrated
Circuit
Systems, Inc.
ICS85314-01
LOW SKEW, 1-TO-5
DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
PRELIMINARY
PACKAGE OUTLINE - G SUFFIX
TABLE 8A. PACKAGE DIMENSIONS
Reference Document: JEDEC Publication 95, MO-153
L
O
B
M
Y
S
s
r
e
t
e
m
i
l
l
i
M
m
u
m
i
n
i
Mm
u
m
i
x
a
M
N0
2
A-
-0
2
.
1
1
A5
0
.
05
1
.
0
2
A0
8
.
05
0
.
1
b9
1
.
00
3
.
0
c9
0
.
00
2
.
0
D0
4
.
60
6
.
6
EC
I
S
A
B
0
4
.
6
1
E0
3
.
40
5
.
4
eC
I
S
A
B
5
6
.
0
L5
4
.
05
7
.
0
α
°
0
°
8
a
a
a-
-0
1
.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com