Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4358 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4358
Description  18V, 12A Ideal Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4358 Datasheet(HTML) 1 Page - Analog Devices

  LTC4358 Datasheet HTML 1Page - Analog Devices LTC4358 Datasheet HTML 2Page - Analog Devices LTC4358 Datasheet HTML 3Page - Analog Devices LTC4358 Datasheet HTML 4Page - Analog Devices LTC4358 Datasheet HTML 5Page - Analog Devices LTC4358 Datasheet HTML 6Page - Analog Devices LTC4358 Datasheet HTML 7Page - Analog Devices LTC4358 Datasheet HTML 8Page - Analog Devices LTC4358 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LTC4450
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
18V, 12A Ideal Diode
The LTC®4450 is a high performance Schottky diode
replacement using an integrated N-Channel power
MOSFET. It easily ORs power supplies together to increase
system reliability and prevent reverse conduction.
The LTC4450 regulates the forward voltage at 15mV
to minimize power loss compared to Schottky diodes.
Regulation ensures smooth current transfer without oscil-
lation in diode-OR applications. When the power MOSFET
is fully enhanced, the RDS(ON) of the transistor is 7mΩ and
rated for forward conduction up to 12A while dissipating
1W. A high performance gate driver with fast transient
response minimizes both forward power dissipation and
reverse current. The VCC input allows VIN to work down
to ground for low voltage applications. The LTC4450 is
available in a small 16-Lead 2mm × 3mm LQFN Package.
Power Dissipation vs Load Current
APPLICATIONS
n
Reduces Power Dissipation by Replacing a Power
Schottky Diode with No External Components
n
Internal 12A, 7mΩ N-Channel MOSFET
n
15mV Regulated Forward Voltage
n
20µA Operating Current, 0.8µA Shutdown
n
Wide 0V to 18V Input Range with VCC > 2.75V
n
Fast Turn-ON Minimizes Voltage Droop
n
Fast Reverse Recovery Time Minimizes Reverse
Transient Current
n
Smooth Switchover in Diode-OR Applications
n
16-Lead 2mm × 3mm LQFN Package
n
Schottky Diode Replacement
n
Industrial, Medical and Consumer Portable Devices
n
Battery and Wall Adapter Diode-ORing
All registered trademarks and trademarks are the property of their respective owners.
POWER SAVED
B520 SCHOTTKY
LTC4450
LOAD CURRENT (A)
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
4450 TA01b
LTC4450
GND
OUT
IN
VCC
VOUT
12V, 12A
SHDN#
VIN
12V
4450 TA01a
STATUS
STATUS
OUTPUT
0.1 F


Similar Part No. - LTC4358

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4358 LINER-LTC4358 Datasheet
149Kb / 12P
5A Ideal Diode
LTC4358 LINER-LTC4358 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4358 LINER-LTC4358 Datasheet
160Kb / 12P
5A Ideal Diode
logo
Analog Devices
LTC4358 AD-LTC4358 Datasheet
1Mb / 20P
Low Quiescent Current Ideal Diode Controller
LTC4358 AD-LTC4358 Datasheet
1Mb / 14P
40V, 7A Ideal Diode
More results

Similar Description - LTC4358

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4358 LINER-LTC4358 Datasheet
149Kb / 12P
5A Ideal Diode
LTC4358 LINER-LTC4358_15 Datasheet
160Kb / 12P
5A Ideal Diode
logo
Diodes Incorporated
D18V0L1B2LP DIODES-D18V0L1B2LP Datasheet
341Kb / 5P
18V BIDIRECTIONAL TVS DIODE
Rev 1
logo
Monolithic Power System...
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
High Efficiency,12A,18V, Synchronous Step-Down Converter
EV8763D-L-00A MPS-EV8763D-L-00A Datasheet
420Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EV8764GLE-L-00A MPS-EV8764GLE-L-00A Datasheet
446Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
logo
Renesas Technology Corp
ISL85012 RENESAS-ISL85012 Datasheet
973Kb / 19P
12A, 3.8V to 18V Input, Synchronous Buck Regulator
logo
Diodes Incorporated
D18V0L1B2LPQ DIODES-D18V0L1B2LPQ Datasheet
329Kb / 5P
18V BIDIRECTIONAL TVS DIODE
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com