Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85314AI11 Datasheet(PDF) 17 Page - Integrated Circuit Systems

Part # ICS85314AI11
Description  LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85314AI11 Datasheet(HTML) 17 Page - Integrated Circuit Systems

Back Button ICS85314AI11 Datasheet HTML 10Page - Integrated Circuit Systems ICS85314AI11 Datasheet HTML 11Page - Integrated Circuit Systems ICS85314AI11 Datasheet HTML 12Page - Integrated Circuit Systems ICS85314AI11 Datasheet HTML 13Page - Integrated Circuit Systems ICS85314AI11 Datasheet HTML 14Page - Integrated Circuit Systems ICS85314AI11 Datasheet HTML 15Page - Integrated Circuit Systems ICS85314AI11 Datasheet HTML 16Page - Integrated Circuit Systems ICS85314AI11 Datasheet HTML 17Page - Integrated Circuit Systems ICS85314AI11 Datasheet HTML 18Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
85314AGI-11
www.icst.com/products/hiperclocks.html
REV. C MAY 24, 2005
17
Integrated
Circuit
Systems, Inc.
ICS85314I-11
LOW SKEW, 1-TO-5
DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
TABLE 9. ORDERING INFORMATION
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use
or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial and industrial applications. Any other applications such as those requiring high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product
for use in life support devices or critical medical instruments.
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pg
n
i
g
a
k
c
a
P
g
n
i
p
p
i
h
Se
r
u
t
a
r
e
p
m
e
T
1
1
-
I
G
A
4
1
3
5
8
S
C
I1
1
I
A
4
1
3
5
8
S
C
IP
O
S
S
T
d
a
e
l
0
2e
b
u
tC
°
5
8
o
t
C
°
0
4
-
T
1
1
-
I
G
A
4
1
3
5
8
S
C
I1
1
I
A
4
1
3
5
8
S
C
IP
O
S
S
T
d
a
e
l
0
2l
e
e
r
&
e
p
a
t
0
0
5
2C
°
5
8
o
t
C
°
0
4
-
F
L
1
1
-
I
G
A
4
1
3
5
8
S
C
IL
1
1
I
A
4
1
3
5
S
C
IP
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
l
0
2e
b
u
tC
°
5
8
o
t
C
°
0
4
-
T
F
L
1
1
-
I
G
A
4
1
3
5
8
S
C
IL
1
1
I
A
4
1
3
5
S
C
IP
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
l
0
2l
e
e
r
&
e
p
a
t
0
0
5
2C
°
5
8
o
t
C
°
0
4
-
1
1
-
I
M
A
4
1
3
5
8
S
C
I1
1
-
I
A
4
1
3
5
8
S
C
IC
I
O
S
d
a
e
l
0
2e
b
u
tC
°
5
8
o
t
C
°
0
4
-
T
1
1
-
I
M
A
4
1
3
5
8
S
C
I1
1
-
I
A
4
1
3
5
8
S
C
IC
I
O
S
d
a
e
l
0
2l
e
e
r
&
e
p
a
t
0
0
0
1C
°
5
8
o
t
C
°
0
4
-
.
t
n
a
il
p
m
o
c
S
H
o
R
e
r
a
d
n
a
n
o
i
t
a
r
u
g
i
f
n
o
c
e
e
r
F
-
b
P
e
h
t
e
r
a
r
e
b
m
u
n
t
r
a
p
e
h
t
o
t
x
i
f
f
u
s
"
F
L
"
n
a
h
t
i
w
d
e
r
e
d
r
o
e
r
a
t
a
h
t
s
t
r
a
P
:
E
T
O
N
The aforementioned trademark, HiPerClockS is a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com