Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS810001-21 Datasheet(PDF) 17 Page - Integrated Circuit Systems

Part # ICS810001-21
Description  FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS810001-21 Datasheet(HTML) 17 Page - Integrated Circuit Systems

Back Button ICS810001-21 Datasheet HTML 13Page - Integrated Circuit Systems ICS810001-21 Datasheet HTML 14Page - Integrated Circuit Systems ICS810001-21 Datasheet HTML 15Page - Integrated Circuit Systems ICS810001-21 Datasheet HTML 16Page - Integrated Circuit Systems ICS810001-21 Datasheet HTML 17Page - Integrated Circuit Systems ICS810001-21 Datasheet HTML 18Page - Integrated Circuit Systems ICS810001-21 Datasheet HTML 19Page - Integrated Circuit Systems ICS810001-21 Datasheet HTML 20Page - Integrated Circuit Systems ICS810001-21 Datasheet HTML 21Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
810001BK-21
www.icst.com/products/hiperclocks.html
REV. A AUGUST 12, 2005
17
Integrated
Circuit
Systems, Inc.
ICS810001-21
FEMTOCLOCKS™DUAL VCXO VIDEO PLL
PRELIMINARY
The example above will ensure a total pull range of ±113.25
ppm with an APR of ±58.25ppm. Many times, board designers
may select their own crystal based on their application. If the
application requires a tighter APR, a crystal with better pullability
FORMULAS
C
LOW =
(C
L1 + CS1 + CV_LOW) · (CL2 + CS2 + CV_LOW)
(C
L1 + CS1 + CV_LOW) + (CL2 + CS2 + CV_LOW)
C
HIGH =
(C
L1 + CS1 + CV_HIGH · (CL2 + CS2 + CV_HIGH)
(C
L1 + CS1 + CV_HIGH) + (CL2 + CS2 + CV_HIGH)
C
Low
is the effective capacitance due to the low varactor
capacitance, load capacitance and stray capacitance.
C
Low determines the high frequency component on the
TPR (Total Pull Range).
C
High
is the effective capacitance due to the high varactor
capacitance, load capacitance and stray capacitance.
C
High determines the low frequency component on the
TPR (Total Pull Range).
EXAMPLE CALCULATIONS
Using the tables and figures above, we can now calculate the
TPR and APR of the VCXO using the example crystal
parameters. For the numerical example below there were some
assumptions made. First, the stray capacitance (C
S1, CS2), which
is all the excess capacitance due to board parasitic, is 4pF.
Second, the expected lifetime of the project is 5 years; hence
the inaccuracy due to aging is ±15ppm. Third, though many
boards will not require load tuning capacitors (C
L1, CL2), it is
recommended for long-term consistent performance of the
system that two tuning capacitor pads be placed into every
design. Typical values for the load tuning capacitors will range
from 0 to 4pF.
AbsolutePullRange (APR) = TotalPullRange – (FrequencyTolerance + FrequencyStability + Aging)
TPR =
1
2 · C
0/C1 · (1+CLOW /C0)
1
2 · C
0/C1 · (1+CHIGH/C0)
–· 106
()
C
LOW =
(0 + 4pF + 15.4pF) · (0 + 4pF + 15.4pF)
(0 + 4pF + 15.4pF) + (0 + 4pF + 15.4pF)
= 9.7pF
C
HIGH =
(0 + 4pF + 29.6pF) · (0 + 4pF + 29.6pF)
(0 + 4pF + 29.6pF) + (0 + 4pF + 29.6pF)
= 16.8pF
TPR = ±113.25ppm
APR = 113.25ppm – (20ppm + 20ppm + 15ppm) = ±58.25ppm
TPR =
1
2 · 220 · (1+9.7pF/4pF)
1
2 · 220 · (1+16.8pF/4pF)
–· 106 = 226.5ppm
()
(C0/C1 ratio) can be used. Also, with the equations above, one
can vary the frequency tolerance, temperature stability, and
aging or shunt capacitance to achieve the required pullability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com