Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85322AMI Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS85322AMI
Description  DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85322AMI Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS85322AMI Datasheet HTML 5Page - Integrated Circuit Systems ICS85322AMI Datasheet HTML 6Page - Integrated Circuit Systems ICS85322AMI Datasheet HTML 7Page - Integrated Circuit Systems ICS85322AMI Datasheet HTML 8Page - Integrated Circuit Systems ICS85322AMI Datasheet HTML 9Page - Integrated Circuit Systems ICS85322AMI Datasheet HTML 10Page - Integrated Circuit Systems ICS85322AMI Datasheet HTML 11Page - Integrated Circuit Systems ICS85322AMI Datasheet HTML 12Page - Integrated Circuit Systems ICS85322AMI Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
85322AMI
www.icst.com/products/hiperclocks.html
REV. B OCTOBER 7, 2003
13
Integrated
Circuit
Systems, Inc.
ICS85322I
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL
2.5V / 3.3V LVPECL TRANSLATOR
T
E
E
H
S
Y
R
O
T
S
I
H
N
O
I
S
I
V
E
R
v
e
Re
l
b
a
Te
g
a
Pe
g
n
a
h
C
f
o
n
o
i
t
p
i
r
c
s
e
De
t
a
D
A8
.
n
o
i
t
c
e
s
s
t
u
p
t
u
O
L
C
E
P
V
L
r
o
f
n
o
i
t
a
n
i
m
r
e
T
d
e
d
d
A
2
0
/
0
3
/
5
A
6
7
V
d
e
t
c
e
r
r
o
c
,
m
a
r
g
a
i
D
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
t
u
p
t
u
O
V
3
.
3
E
E
V
5
3
1
.
0
±
V
3
.
1
-
=
V
d
a
e
r
o
t
E
E
.
V
5
6
1
.
0
±
V
3
.
1
-
=
.
m
a
r
g
a
i
D
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O
d
e
t
a
d
p
U
2
0
/
3
2
/
8
B
2
T2
3
6
7
C
d
e
g
n
a
h
c
-
e
l
b
a
T
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
N
I
.
l
a
c
i
p
y
t
F
p
4
o
t
.
x
a
m
F
p
4
.
s
g
n
i
t
a
r
s
t
u
p
n
I
d
e
t
a
d
p
u
,
s
g
n
i
t
a
R
m
u
m
i
x
a
M
e
t
u
l
o
s
b
A
.
s
m
a
r
g
a
i
D
n
o
i
t
a
n
i
m
r
e
T
t
u
p
t
u
O
L
C
E
P
V
L
V
3
.
3
d
e
t
a
d
p
U
.
s
t
u
p
t
u
O
L
C
E
P
V
L
V
5
.
2
r
o
f
n
o
i
t
a
n
i
m
r
e
T
d
e
d
d
A
.
t
e
e
h
s
a
t
a
d
t
u
o
h
g
u
o
r
h
t
t
a
m
r
o
f
d
e
t
a
d
p
U
3
0
/
7
/
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com