Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2583800000 Datasheet(PDF) 1 Page - Weidmuller

Part # 2583800000
Description  CABTITE FR 24/10 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2583800000 Datasheet(HTML) 1 Page - Weidmuller

  2583800000 Datasheet HTML 1Page - Weidmuller 2583800000 Datasheet HTML 2Page - Weidmuller 2583800000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data sheet
 
 
Creation date September 14, 2021 4:17:40 AM CEST
 
Catalogue status 10.09.2021 / We reserve the right to make technical changes.
1
CABTITE FR 24/10 BK
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Similar to illustration
 
 
The frame, fabricated from a single piece, is quick and
easy to assemble and consists of dimensionally stable,
fibre-glass reinforced plastic. The captive foamed seal
guarantees effective IP66 sealing in accordance with DIN
EN 60529, even on painted and rough surfaces.
General ordering data
 
Version
Frame, Cabtite (cable entry system), Polyamide,
glass fibre-reinforced, Deep black, Height: 70 mm,
Width: 153 mm, Depth: 19.6 mm, -40 °C…120 °C,
IP66
Order No.
2583800000
Type
CABTITE FR 24/10 BK
GTIN (EAN)
4050118616682
Qty.
1 pc(s).
 


Similar Part No. - 2583800000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2583800000 WEIDMULLER-2583800000 Datasheet
3Mb / 8P
Cabtite – The modular cable entry system for pre-assembled cables and cables with and without plugs
12/18
More results

Similar Description - 2583800000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2584240000 WEIDMULLER-2584240000 Datasheet
239Kb / 3P
CABTITE FRL 10/6 BK
2584210000 WEIDMULLER-2584210000 Datasheet
242Kb / 3P
CABTITE FRL 24/10 BK
2584180000 WEIDMULLER-2584180000 Datasheet
249Kb / 3P
CABTITE CGS M25 BK
2584150000 WEIDMULLER-2584150000 Datasheet
242Kb / 3P
CABTITE CGS M40 BK
2584130000 WEIDMULLER-2584130000 Datasheet
241Kb / 3P
CABTITE CGS M50 BK
2584120000 WEIDMULLER-2584120000 Datasheet
244Kb / 3P
CABTITE CGS M63 BK
2583490000 WEIDMULLER-2583490000 Datasheet
280Kb / 3P
CABTITE FR 4-1 BK
2583480000 WEIDMULLER-2583480000 Datasheet
295Kb / 3P
CABTITE FR 10/6 BK
2583470000 WEIDMULLER-2583470000 Datasheet
325Kb / 3P
CABTITE FR 16/8 BK
2584270000 WEIDMULLER-2584270000 Datasheet
235Kb / 3P
CABTITE GI H BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com