Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS810001BK-21 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS810001BK-21
Description  FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS810001BK-21 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS810001BK-21 Datasheet HTML 1Page - Integrated Circuit Systems ICS810001BK-21 Datasheet HTML 2Page - Integrated Circuit Systems ICS810001BK-21 Datasheet HTML 3Page - Integrated Circuit Systems ICS810001BK-21 Datasheet HTML 4Page - Integrated Circuit Systems ICS810001BK-21 Datasheet HTML 5Page - Integrated Circuit Systems ICS810001BK-21 Datasheet HTML 6Page - Integrated Circuit Systems ICS810001BK-21 Datasheet HTML 7Page - Integrated Circuit Systems ICS810001BK-21 Datasheet HTML 8Page - Integrated Circuit Systems ICS810001BK-21 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
810001BK-21
www.icst.com/products/hiperclocks.html
REV. A AUGUST 12, 2005
4
Integrated
Circuit
Systems, Inc.
ICS810001-21
FEMTOCLOCKS™DUAL VCXO VIDEO PLL
PRELIMINARY
e
l
b
a
T
p
U
-
k
o
o
L
r
e
d
i
v
i
D
L
L
P
O
X
C
Vn
o
i
t
a
c
i
l
p
p
A
k
c
o
l
C
o
e
d
i
Vn
o
i
t
a
c
i
l
p
p
A
k
c
o
l
C
o
e
d
i
V
e
t
a
n
r
e
t
l
A
s
n
i
P
0
V
:
3
Ve
u
l
a
V
Pe
u
l
a
V
M)
z
H
M
/
z
H
k
(
t
u
p
n
I)
z
H
M
(
O
X
C
V)
z
H
M
/
z
H
k
(
t
u
p
n
I)
z
H
M
(
O
X
C
V
0
0
0
00
0
0
10
0
0
1z
H
M
7
2z
H
M
7
2z
H
M
3
7
9
.
6
2z
H
M
3
7
9
.
6
2
1
0
0
01
0
0
10
0
0
1z
H
M
7
2z
H
M
3
7
9
.
6
2
0
1
0
00
0
0
1
14
0
0
4z
H
M
5
7
1
.
4
7z
H
M
7
2
1
1
0
01
1
0
1
10
0
0
4z
H
M
5
2
.
4
7z
H
M
3
7
9
.
6
2
0
0
1
00
0
0
1
10
0
0
4z
H
M
5
2
.
4
7z
H
M
7
2
1
0
1
04
0
0
44
0
0
4z
H
M
7
2z
H
M
7
2z
H
M
3
7
9
.
6
2z
H
M
3
7
9
.
6
2
0
1
1
04
0
0
40
0
0
4z
H
M
7
2z
H
M
3
7
9
.
6
2
1
1
1
00
0
0
11
0
0
1z
H
M
3
7
9
.
6
2z
H
M
7
2
0
0
0
10
5
21
9z
H
M
5
7
1
.
4
7z
H
M
7
2
1
0
0
13
5
22
9z
H
M
5
2
.
4
7z
H
M
7
2
0
1
0
12
92
9z
H
M
7
2z
H
M
7
2z
H
M
3
7
9
.
6
2z
H
M
3
7
9
.
6
2
1
1
0
11
0
0
6
z
H
k
5
4
)
c
n
y
s
h
0
6
/
P
0
2
7
(
z
H
M
7
2
z
H
k
5
5
9
.
4
4
)
4
9
.
9
5
/
P
0
2
7
(
z
H
M
3
7
9
.
6
2
0
0
1
11
0
0
8
z
H
k
5
7
.
3
3
)
c
n
y
s
h
0
6
/
I
0
8
0
1
(
z
H
M
7
2
z
H
k
6
1
7
.
3
3
)
4
9
.
9
5
/
I
0
8
0
1
(
z
H
M
3
7
9
.
6
2
1
0
1
11
8
2
7
1
z
H
k
5
2
6
.
5
1
)
c
n
y
s
h
L
A
P
(
z
H
M
7
2
0
1
1
11
6
1
7
1
z
H
k
4
3
7
.
5
1
)
c
n
y
s
h
C
S
T
N
(
z
H
M
7
2
1
1
1
11
0
6
9
z
H
k
5
2
1
.
8
2
)
c
n
y
s
h
0
5
/
I
0
8
0
1
(
z
H
M
7
2
TABLE 3A. FIRST FREQUENCY TRANSLATION STAGE: VCXO PLL
TABLE 3C. BYPASS FUNCTION TABLE
s
t
u
p
n
I
n
o
i
t
a
r
e
p
O
1
P
B
n0
P
B
n
00
r
e
d
i
v
i
D
t
u
p
t
u
O
d
n
a
L
L
P
r
o
t
a
l
s
n
a
r
T
y
c
n
e
u
q
e
r
F
s
s
a
p
y
B
01
L
L
P
r
o
t
a
l
s
n
a
r
T
y
c
n
e
u
q
e
r
F
d
n
a
L
L
P
n
o
i
t
a
u
n
e
t
t
A
r
e
t
t
i
J
O
X
C
V
s
s
a
p
y
B
:
e
d
o
M
t
s
e
T
10
L
L
P
n
o
i
t
a
u
n
e
t
t
A
r
e
t
t
i
J
O
X
C
V
s
s
a
p
y
B
:
e
d
o
M
C
L
11
e
v
i
t
c
A
:
e
d
o
M
L
L
P
e
l
b
a
T
p
U
-
k
o
o
L
k
c
o
l
C
o
t
m
e
Fn
o
i
t
a
c
i
l
p
p
A
k
c
o
l
C
o
e
d
i
Vn
o
i
t
a
c
i
l
p
p
A
k
c
o
l
C
o
e
d
i
V
e
t
a
n
r
e
t
l
A
s
n
i
P
0
N
:
1
N
,
F
Mv
i
D
B
Fv
i
D
t
u
O)
z
H
M
(
O
X
C
V)
z
H
M
(
Q)
z
H
M
(
O
X
C
V)
z
H
M
(
Q
0
0
,
02
24
z
H
M
7
2z
H
M
5
.
8
4
1z
H
M
3
7
9
.
6
2z
H
M
5
3
.
8
4
1
1
0
,
02
28
z
H
M
7
2z
H
M
5
2
.
4
7z
H
M
3
7
9
.
6
2z
H
M
5
7
1
.
4
7
0
1
,
02
22
1
1
1
,
02
28
1
0
0
,
14
24
1
0
,
14
28
0
1
,
14
22
1z
H
M
7
2z
H
M
4
5
1
1
,
14
28
1z
H
M
7
2z
H
M
6
3
TABLE 3B. SECOND FREQUENCY TRANSLATION STAGE: FEMTOCLOCK MULTIPLIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com