Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT0806SQF Datasheet(PDF) 1 Page - Central Technologies

Part # CT0806SQF
Description  Square Air Core Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0806SQF Datasheet(HTML) 1 Page - Central Technologies

  CT0806SQF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2018 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 09.20.18
Square Air Core Inductors
www.ctparts.com
SPECIFICATIONS
Parts are available in ±5% inductance tolerance only.
Inductance
DCR
SRF
Part
at 400MHz
Q Typ.
Max.
Irms
Typ.
Number
(nH)
at 400MHz
(mW)
(A)
(GHz)
CT0806SQF-5N5J
5.5
60
3.4
2.9
4.9
CT0806SQF-6N0J
6.0
64
6.0
2.9
5.2
CT0806SQF-8N9J
8.9
90
7.0
2.9
4.3
CT0806SQF-12NJ
12.3
90
8.0
2.9
4.8
CT0806SQF-16NJ
15.7
90
9.0
2.9
4.4
CT0806SQF-19NJ
19.4
90
10.0
2.9
4.0
CT0807SQF-6N9J
6.9
100
6.0
2.7
4.6
CT0807SQF-10NJ
10.2
100
7.0
2.7
4.0
CT0807SQF-11NJ
11.2
90
6.3
2.7
3.6
CT0807SQF-14NJ
13.7
100
8.0
2.7
4.3
CT0807SQF-17NJ
17.0
100
9.0
2.7
4.0
CT0807SQF-22NJ
22.0
100
10.0
2.7
3.5
CT0908SQF-8N1J
8.1
130
6.0
4.4
5.2
CT0908SQF-12NJ
12.1
130
7.0
4.4
4.3
CT0908SQF-14NJ
14.7
90
7.2
4.4
3.0
CT0908SQF-17NJ
16.6
130
8.0
4.4
3.4
CT0908SQF-22NJ
21.5
130
9.0
4.4
3.7
CT0908SQF-23NJ
23.0
120
10.0
4.4
2.6
CT0908SQF-25NJ
25.0
130
10.0
4.4
2.5
CT0908SQF-27NJ
27.3
130
10.0
4.4
3.2
CT0806SQF-5N5J
1.346±0.102
1.829±0.254
1.397±0.102
0.962
2.6
0.51
CT0806SQF-6N0J
1.295±0.102
1.829±0.254
1.397±0.102
1.02
2.6
0.51
CT0806SQF-8N9J
1.626±0.152
1.829±0.254
1.397±0.102
1.32
2.6
0.51
CT0806SQF-12NJ
1.930±0.152
1.829±0.254
1.397±0.102
1.63
2.6
0.51
CT0806SQF-16NJ
2.286±0.152
1.829±0.254
1.397±0.102
1.96
2.6
0.51
CT0806SQF-19NJ
2.591±0.152
1.829±0.254
1.397±0.102
2.29
2.6
0.51
CT0807SQF-6N9J
1.295±0.102
1.829±0.254
1.524±0.254
1.02
2.6
0.51
CT0807SQF-10NJ
1.626±0.152
1.829±0.254
1.524±0.254
1.32
2.6
0.51
CT0807SQF-11NJ
1.549±0.152
1.829±0.254
1.524±0.254
1.24
2.6
0.51
CT0807SQF-14NJ
1.930±0.152
1.829±0.254
1.524±0.254
1.63
2.6
0.51
CT0807SQF-17NJ
2.286±0.152
1.829±0.254
1.524±0.254
1.96
2.6
0.51
CT0807SQF-22NJ
2.591±0.152
1.829±0.254
1.524±0.254
2.29
2.6
0.51
CT0908SQF-8N1J
1.473±0.152
2.134±0.152
1.829±0.203
1.12
2.8
0.64
CT0908SQF-12NJ
1.854±0.152
2.134±0.152
1.829±0.203
1.45
2.8
0.64
CT0908SQF-14NJ
1.549±0.152
2.134±0.152
1.829±0.203
1.24
2.8
0.64
CT0908SQF-17NJ
2.210±0.152
2.134±0.152
1.829±0.203
1.83
2.8
0.64
CT0908SQF-22NJ
2.565±0.152
2.134±0.152
1.829±0.203
2.18
2.8
0.64
CT0908SQF-23NJ
2.235±0.152
2.134±0.152
1.829±0.203
1.9
2.8
0.64
CT0908SQF-25NJ
2.972±0.152
2.134±0.152
1.829±0.203
2.57
2.8
0.64
CT0908SQF-27NJ
2.972±0.152
2.134±0.152
1.829±0.203
2.57
2.8
0.64
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS (Unit: mm)
Description: Square Air Core Inductor.
Applications: Electronic products, communication equipment,
computer devices, TV, DVD, mobile chargers, etc.
Features: Excellent Q factors, up to 130. Current handling as
high as 4.4A. Flat top and bottom for reliable pick and place and
mechanical stability.
Operating Temperature: -40°C to +125°C
Storage Temperature: -40°C to +125°C
Dialectric Withstanding Voltage: 250VAC.
Inductance Tolerance: ±5%
Testing: Inductance is tested on an HP4287A at 400MHz.
Mean Time Between Failures (MTBF): 1 Billion Hours.
PCB Washing: Only pure water or alcohol recommended.
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
D
B
C
E
D
Strip
length
min
max
F
CT0806SQF
CT0807SQF
CT0908SQF
Series
From 5.5 nH to 27.3 nH
A
B
C
D
E
F
Typ.
Typ.
Typ.
Part
Number
Recommended
Pad Layout


Similar Part No. - CT0806SQF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0806QF CT-CT0806QF Datasheet
99Kb / 1P
Square Air Core Inductors
More results

Similar Description - CT0806SQF

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0806SQ-5N5-L COILCRAFT-0806SQ-5N5-L Datasheet
267Kb / 3P
Square Air Core Inductors
1111SQ COILCRAFT-1111SQ Datasheet
344Kb / 3P
Square Air Core Inductors
0807SQ-14NJLB COILCRAFT-0807SQ-14NJLB Datasheet
249Kb / 3P
Square Air Core Inductors
1111SQ COILCRAFT-1111SQ Datasheet
234Kb / 3P
Square Air Core Inductors
logo
Allied Components Inter...
SQAC1515 ALLIED-SQAC1515 Datasheet
1Mb / 1P
SMD Square Air Core Inductors
logo
Central Technologies
CT0806QF CT-CT0806QF Datasheet
99Kb / 1P
Square Air Core Inductors
logo
Allied Components Inter...
SQAC0806 ALLIED-SQAC0806 Datasheet
713Kb / 1P
SMD Square Air Core Inductors
SQAC2222 ALLIED-SQAC2222 Datasheet
1Mb / 1P
SMD Square Air Core Inductors
logo
Coilcraft lnc.
1515SQ COILCRAFT-1515SQ Datasheet
546Kb / 3P
Square Air Core Inductors
0806SQ-5N5GLC COILCRAFT-0806SQ-5N5GLC_16 Datasheet
335Kb / 3P
Square Air Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com