Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT0201LSF-R10 Datasheet(PDF) 2 Page - Central Technologies

Part # CT0201LSF-R10
Description  Wire-wound Chip Inductors - Open
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0201LSF-R10 Datasheet(HTML) 2 Page - Central Technologies

  CT0201LSF-R10 Datasheet HTML 1Page - Central Technologies CT0201LSF-R10 Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 02.03.17
Wire-wound Chip Inductors - Open
www.ctparts.com
0.1
1
10
100
1000
1
10
100
1000
10000
FREQUENCY (MHz)
2N2
6N8
56N
26N
R20
0
2
4
6
8
10
12
14
16
0
0
0
1
0
0
1
0
1
1
FREQUENCY (MHz)
2N2
56N
26N
R20
56N
Inductance vs. Frequency
Q vs. Frequency
CT0201LSF Curves



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com