Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1812CSF Datasheet(PDF) 1 Page - Central Technologies

Part # CT1812CSF
Description  SMD Wire-wound Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT1812CSF Datasheet(HTML) 1 Page - Central Technologies

  CT1812CSF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.07.17
SMD Wire-wound Chip Inductors
www.ctparts.com
CT1812CSF
Series
From 1.0µH to 33µH
SPECIFICATIONS
Parts are available in ±5% inductance tolerance only.
L Test
Q Test
SRF
DCR
Irms
Part
Inductance
Freq.
Q
Freq.
Min.
Max.
Typ.
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω)
(mA)
CT1812CSF-1R0J
1.0
7.9
60
50
310
1.2
480
CT1812CSF-1R2J
1.2
7.9
62
50
230
1.2
480
CT1812CSF-1R5J
1.5
7.9
65
50
210
1.6
430
CT1812CSF-1R8J
1.8
7.9
68
50
190
2.0
380
CT1812CSF-2R2J
2.2
7.9
63
50
170
2.2
340
CT1812CSF-2R7J
2.7
7.9
60
50
160
3.2
300
CT1812CSF-3R3J
3.3
7.9
60
50
145
3.8
270
CT1812CSF-3R9J
3.9
7.9
61
50
130
5.0
240
CT1812CSF-4R7J
4.7
7.9
60
50
115
5.4
230
CT1812CSF-5R6J
5.6
7.9
42
50
100
5.7
220
CT1812CSF-6R8J
6.8
7.9
32
50
90
6.6
210
CT1812CSF-8R2J
8.2
7.9
35
50
80
7.0
200
CT1812CSF-100J
10
7.9
27
50
70
7.7
190
CT1812CSF-120J
12
2.5
34
10
58
8.7
180
CT1812CSF-150J
15
2.5
32
10
48
9.6
170
CT1812CSF-180J
18
2.5
28
10
36
10.5
160
CT1812CSF-220J
22
2.5
28
10
34
11.5
155
CT1812CSF-270J
27
2.5
28
10
30
12.5
150
CT1812CSF-330J
33
2.5
20
10
20
13.5
145
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: SMD ceramic core wire-wound chip inductor
Applications: RF products for cellular phone, GPS receiver,
base station, repeater, wireless LAN/mouse/keyboard/earphone,
remote control, security system, etc.
Operating Temperature: -40°C to +125°C (including
self-temperature rise)
Irms: A 15°C temperature rise from 25°C ambient with
current
Inductance Tolerance: ±5%
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
B
A
E
F
D
G
F
C
A
B
C
D
E
F
G
Max.
Max.
Max.
4.95
3.81
3.43
1.78
2.54
0.64
3.25
0.19
0.15
0.14
0.07
0.10
0.03
0.13
Size
mm
inches
PAD LAYOUT
3.05
3.00
1.14
1.14
Unit: mm


Similar Part No. - CT1812CSF

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT1812K115ATELEG2 EPCOS-CT1812K115ATELEG2 Datasheet
706Kb / 30P
Ceramic transient voltage suppressors
CT1812K115TELEG2 EPCOS-CT1812K115TELEG2 Datasheet
91Kb / 5P
Multilayer technology MLV; Telecom Series
CT1812K11G EPCOS-CT1812K11G Datasheet
129Kb / 15P
Multilayer technology
CT1812K130TELEG2 EPCOS-CT1812K130TELEG2 Datasheet
91Kb / 5P
Multilayer technology MLV; Telecom Series
CT1812K14G EPCOS-CT1812K14G Datasheet
129Kb / 15P
Multilayer technology
More results

Similar Description - CT1812CSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0603LS CT-CT0603LS Datasheet
206Kb / 1P
SMD Wire-wound Chip Inductors
CT1008CSF CT-CT1008CSF Datasheet
206Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LS CT-CT1008LS Datasheet
227Kb / 1P
SMD Wire-wound Chip Inductors
CT1206CSF CT-CT1206CSF Datasheet
160Kb / 1P
SMD Wire-wound Chip Inductors
CT1210LSC CT-CT1210LSC Datasheet
183Kb / 1P
SMD Wire-wound Chip Inductors
CT0402HPF CT-CT0402HPF Datasheet
398Kb / 1P
SMD Wire-wound Chip Inductors
CT0603LSF CT-CT0603LSF Datasheet
500Kb / 1P
SMD Wire-wound Chip Inductors
CT0805HQF CT-CT0805HQF Datasheet
367Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LSF CT-CT1008LSF Datasheet
375Kb / 1P
SMD Wire-wound Chip Inductors
CT1210LSCF CT-CT1210LSCF Datasheet
405Kb / 1P
SMD Wire-wound Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com