Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCBA1206F Datasheet(PDF) 1 Page - Central Technologies

Part # CTCBA1206F
Description  Chip Array Ferrite Beads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCBA1206F Datasheet(HTML) 1 Page - Central Technologies

  CTCBA1206F Datasheet HTML 1Page - Central Technologies CTCBA1206F Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2019 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 08.22.19
Chip Array Ferrite Beads
www.ctparts.com
CTCBA1206F
Series
30Ω to 1000Ω
SPECIFICATIONS
Test
DC Resistance
Rated Current
Part
Impedance
Frequency
Max.
Max.
Number
(Ω)
(MHz)
(Ω)
(mA)
CTCBA1206F-300S
30±25%
100
0.20
500
CTCBA1206F-600S
60±25%
100
0.25
400
CTCBA1206F-121S
120±25%
100
0.30
350
CTCBA1206F-301S
300±25%
100
0.40
250
CTCBA1206F-601S
600±25%
100
0.50
200
CTCBA1206F-102S
1000±25%
100
0.75
150
Not Shown at Actual Size
CHARACTERISTICS
PAD LAYOUT
Description: Ferrite chip beads 4 line array
Applications: Interfaces, notebook computers, LCD modules,
portable electronics
Signal Speed: Standard
Operating Temperature: -40°C to 125°C (including self-
temperature rise)
Storage Condition (component in its packaging):
•Temperature:-10°C to 40°C
•Humidity:60%
Miscellaneous: RoHS Compliant
Samples available. See website for ordering information.
2.80
Ref.
0.80 Ref.
0.80
Ref.
0.40 Ref.
A
B
C
D1
D2
P
3.20±0.20
1.60±0.20
0.90±0.20
0.40±0.15
0.30±0.10
0.80±0.10
0.126±0.008
0.063±0.008
0.035±0.008
0.016±0.006
0.012±0.004
0.031±0.004
Unit: mm
PHYSICAL DIMENSIONS
A
D1
P
B
Schematic


Similar Part No. - CTCBA1206F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCB CT-CTCB Datasheet
457Kb / 2P
Chip Beads - Multi-layer
CTCB0402F-060H CT-CTCB0402F-060H Datasheet
427Kb / 2P
Chip Beads - Multi-layer
CTCB0402F-060S CT-CTCB0402F-060S Datasheet
492Kb / 2P
Chip Beads - Multi-layer
CTCB0402F-100H CT-CTCB0402F-100H Datasheet
427Kb / 2P
Chip Beads - Multi-layer
CTCB0402F-100P CT-CTCB0402F-100P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
More results

Similar Description - CTCBA1206F

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SHB-4-3216 SUMIDA-SHB-4-3216 Datasheet
439Kb / 4P
Multilayer Chip Ferrite Beads Array
SHB-4-2010 SUMIDA-SHB-4-2010 Datasheet
385Kb / 3P
Multilayer Chip Ferrite Beads Array
logo
Superworld Electronics
A4K300-RE-10 SUPERWORLD-A4K300-RE-10 Datasheet
414Kb / 9P
FERRITE CHIP BEADS 4 LINE ARRAY
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
FERRITE CHIP BEADS
logo
Vishay Siliconix
ILAS1206ER102V VISHAY-ILAS1206ER102V Datasheet
118Kb / 3P
Chip Array Ferrite Beads
16-Jan-06
logo
Superworld Electronics
A4K_SERIES SUPERWORLD-A4K_SERIES Datasheet
240Kb / 7P
FERRITE CHIP BEADS 4 LINE ARRAY
logo
Abracon Corporation
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
Surface Mount Ferrite Chip Beads Array
09.20.13
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206_17 Datasheet
134Kb / 3P
Chip Array Ferrite Beads
17-Aug-17
ILAS-1206 VISHAY-ILAS-1206_V01 Datasheet
117Kb / 3P
Chip Array Ferrite Beads
17-Aug-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com