Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843001AI22 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS843001AI22
Description  FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843001AI22 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS843001AI22 Datasheet HTML 9Page - Integrated Circuit Systems ICS843001AI22 Datasheet HTML 10Page - Integrated Circuit Systems ICS843001AI22 Datasheet HTML 11Page - Integrated Circuit Systems ICS843001AI22 Datasheet HTML 12Page - Integrated Circuit Systems ICS843001AI22 Datasheet HTML 13Page - Integrated Circuit Systems ICS843001AI22 Datasheet HTML 14Page - Integrated Circuit Systems ICS843001AI22 Datasheet HTML 15Page - Integrated Circuit Systems ICS843001AI22 Datasheet HTML 16Page - Integrated Circuit Systems ICS843001AI22 Datasheet HTML 17Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
843001AGI-22
www.icst.com/products/hiperclocks.html
REV. A AUGUST 1, 2005
13
Integrated
Circuit
Systems, Inc.
ICS843001I-22
FEMTOCLOCKS™CRYSTAL/LVCMOS-TO-
3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS843001I-22.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS843001I-22 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
• Power (core)
MAX = VCC_MAX * IEE_MAX = 3.465V * 160mA = 554.4mW
• Power (outputs)
MAX = 30mW/Loaded Output pair
Total Power
_MAX (3.465V, with all outputs switching) = 554.4mW + 30mW = 584.4mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of
the device. The maximum recommended junction temperature for HiPerClockSTM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Ther mal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used.
Assuming a moderate air flow of 1 meter per second and a multi-layer board, the appropriate value is 65°C/W per Table 8
below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.584W * 65°C/W = 123°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air
flow, and the type of board (single layer or multi-layer).
TABLE 8.THERMAL RESISTANCE
θθθθθ
JA
FOR
24-PINTSSOP, FORCED CONVECTION
θθθθθ
JA by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
70°C/W
65°C/W
62°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com