Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM82C19N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM82C19N
Description  16-Line to 1-Line Multiplexer, TRI-STATE16-Line to 1-Line
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM82C19N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM82C19N Datasheet HTML 1Page - National Semiconductor (TI) MM82C19N Datasheet HTML 2Page - National Semiconductor (TI) MM82C19N Datasheet HTML 3Page - National Semiconductor (TI) MM82C19N Datasheet HTML 4Page - National Semiconductor (TI) MM82C19N Datasheet HTML 5Page - National Semiconductor (TI) MM82C19N Datasheet HTML 6Page - National Semiconductor (TI) MM82C19N Datasheet HTML 7Page - National Semiconductor (TI) MM82C19N Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
b
03V to VCCa03V
Operating Temperature Range
MM54C150 MM72C19
b
55 Cto a125 C
MM74C150 MM82C19
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Power Dissipation
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
30V to 15V
VCC
18V
Lead Temperature (soldering 10 seconds)
260 C
DC Electrical Characteristics
MinMax limits apply across temperature range unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS to CMOS
VIN(1)
Logical ‘‘1’’ Input Voltage
VCC e 50V
35
V
VCC e 10V
80
V
VIN(0)
Logical ‘‘0’’ Input Voltage
VCC e 50V
15
V
VCC e 10V
20
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
VCC e 50V IO eb10 mA
45
V
VCC e 10V IO eb10 mA
90
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
VCC e 50V IO ea10 mA
05
V
VCC e 10V IO ea10 mA
10
V
IIN(1)
Logical ‘‘1’’ Input Current
VCC e 15V VIN e 15V
0005
10
V
IIN(0)
Logical ‘‘0’’ Input Current
VCC e 15V VIN e 0V
b
10
b
0005
m
A
IOZ
Output Current in High
Impedance State
MM72C19MM82C19
VCC e 15V VO e 15V
0005
10
m
A
VCC e 15V VO e 0V
b
10
b
0005
m
A
ICC
Supply Current
VCC e 15V
005
300
m
A
CMOSLPTTL Interface
VIN(1)
Logical ‘‘1’’ Input Voltage
54C 72C VCC e 45V
VCCb15
V
74C 82C VCC e 475V
VCCb15
V
VIN(0)
Logical ‘‘0’’ Input Voltage
54C 72C VCC e 45V
08
V
74C 82C VCC e 475V
08
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
54C 72C VCC e 45V IO eb16 mA
24
V
74C 82C VCC e 475V IO eb16 mA
24
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
54C 72C VCC e 45V IO e 16 mA
04
V
74C 82C VCC e 475V IO e 16 mA
04
V
Output Drive (Short Circuit Current)
ISOURCE
Output Source Current
VCC e 50V VOUT e 0V TA e 25 C
b
435
b
8mA
(P-Channel)
ISOURCE
Output Source Current
VCC e 10V VOUT e 0V TA e 25 C
b
20
b
40
mA
(P-Channel)
ISINK
Output Sink Current
VCC e 50V VOUT e VCC TA e 25 C
435
8
mA
(N-Channel)
ISINK
Output Sink Current
VCC e 10V VOUT e VCC TA e 25 C
20
40
mA
(N-Channel)
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com