Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2584630000 Datasheet(PDF) 1 Page - Weidmuller

Part # 2584630000
Description  CABTITE SE 9-10 SML GY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2584630000 Datasheet(HTML) 1 Page - Weidmuller

  2584630000 Datasheet HTML 1Page - Weidmuller 2584630000 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data sheet
 
 
Creation date September 14, 2021 4:18:53 AM CEST
 
Catalogue status 10.09.2021 / We reserve the right to make technical changes.
1
CABTITE SE 9-10 SML GY
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Similar to illustration
 
 
Whether a large or small cable diameter – Cabtite always
offers the right seal insert.
The conical shape of the sealing elements allows
the previously positioned snap-in grid inlays to be
pushed in easily from the inside to the outsid. It reliably
seals intermediate spaces and provides strain relief
in accordance with DIN EN 62444. The seal inserts
combined with the frames achieve an IP 66 degree of
protection. As a result of its slotted design with wave cut,
it is especially suitable for pre-assembled cables.
• The black seal inserts are designed for a particularly
high operating temperature and offer fire safety class
UL 94 HB
• The grey sealing elements comply with fire safety class
UL 94 V0 and are therefore suitable for the demands of
the railway industry
• By using multiple inserts, two or more cables, as well
as special cables, can be passed through a sealing
element
General ordering data
 
Version
Sealing element, Cabtite (cable entry system), TPE,
Light Grey, Height: 20.3 mm, Width: 20.3 mm,
Depth: 17.7 mm, -40 °C…90 °C, IP66
Order No.
2584630000
Type
CABTITE SE 9-10 SML GY
GTIN (EAN)
4050118616996
Qty.
10 pc(s).
 


Similar Part No. - 2584630000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2584630000 WEIDMULLER-2584630000 Datasheet
3Mb / 8P
Cabtite – The modular cable entry system for pre-assembled cables and cables with and without plugs
12/18
More results

Similar Description - 2584630000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2583440000 WEIDMULLER-2583440000 Datasheet
214Kb / 2P
CABTITE SE 4-5 SML GY
2583410000 WEIDMULLER-2583410000 Datasheet
214Kb / 2P
CABTITE SE 3 SML GY
2583400000 WEIDMULLER-2583400000 Datasheet
214Kb / 2P
CABTITE SE 3-4 SML GY
2583390000 WEIDMULLER-2583390000 Datasheet
215Kb / 2P
CABTITE SE 2 SML GY
2583370000 WEIDMULLER-2583370000 Datasheet
214Kb / 2P
CABTITE SE 1.5 SML GY
2583360000 WEIDMULLER-2583360000 Datasheet
213Kb / 2P
CABTITE SE 1.5-2 SML GY
2584850000 WEIDMULLER-2584850000 Datasheet
215Kb / 2P
CABTITE SE 4/4.5 SML GY
2584660000 WEIDMULLER-2584660000 Datasheet
215Kb / 2P
CABTITE SE 7-8 SML GY
2584610000 WEIDMULLER-2584610000 Datasheet
215Kb / 2P
CABTITE SE 10-11 SML GY
2584560000 WEIDMULLER-2584560000 Datasheet
215Kb / 2P
CABTITE SE 14-15 SML GY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com