Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2584610000 Datasheet(PDF) 2 Page - Weidmuller

Part # 2584610000
Description  CABTITE SE 10-11 SML GY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2584610000 Datasheet(HTML) 2 Page - Weidmuller

  2584610000 Datasheet HTML 1Page - Weidmuller 2584610000 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data sheet
 
CABTITE SE 10-11 SML GY
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date September 14, 2021 4:18:56 AM CEST
 
Catalogue status 10.09.2021 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Depth
17.7 mm
  Depth (inches)
0.697 inch
Height
20.3 mm
  Height (inches)
0.799 inch
Width
20.3 mm
  Width (inches)
0.799 inch
Net weight
5.4 g
   
 
Temperatures
 
Operating temperature
-40 °C...90 °C
   
 
General information
 
Halogen
No
  Material
TPE
Outer cable diameter, max.
11 mm
  Outer cable diameter, min.
10 mm
Protection degree
IP66
  Sealing element
1 small sealing element
Silicone
No
  UL 94 flammability rating
V-0
 
Classifications
 
ETIM 6.0
EC000879
  ETIM 7.0
EC000879
ETIM 8.0
EC000879
  ECLASS 9.0
27-14-44-21
ECLASS 9.1
27-14-44-21
  ECLASS 10.0
27-14-44-21
ECLASS 11.0
27-14-44-21
   
 
Approvals
 
Approvals
ROHS
Conform
UL File Number Search
E223801
 
Downloads
 
Engineering Data
STEP
Engineering Data
EPLAN
User Documentation
Cabtite Installation Instructions
Catalogues
Catalogues in PDF-format
 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com