Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8863MLL Datasheet(PDF) 78 Page - Microchip Technology

Part # KSZ8863MLL
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8863MLL Datasheet(HTML) 78 Page - Microchip Technology

Back Button KSZ8863MLL Datasheet HTML 74Page - Microchip Technology KSZ8863MLL Datasheet HTML 75Page - Microchip Technology KSZ8863MLL Datasheet HTML 76Page - Microchip Technology KSZ8863MLL Datasheet HTML 77Page - Microchip Technology KSZ8863MLL Datasheet HTML 78Page - Microchip Technology KSZ8863MLL Datasheet HTML 79Page - Microchip Technology KSZ8863MLL Datasheet HTML 80Page - Microchip Technology KSZ8863MLL Datasheet HTML 81Page - Microchip Technology KSZ8863MLL Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
KSZ8863MLL/FLL/RLL
DS00002335C-page 78
2017-2021 Microchip Technology Inc.
7.4
RMII Timing
FIGURE 7-7:
RMII TIMING - DATA RECEIVED FROM RMII
FIGURE 7-8:
RMII TIMING - DATA TRANSMITTED TO RMII
TABLE 7-4:
RMII TIMING PARAMETERS
Parameter
Description
Min.
Typ.
Max.
Units
tcyc
Clock cycle
—
20
—
ns
t1
Setup time
4
—
—
ns
t2
Hold time
2
—
—
ns
tod
Output delay
6
—
16
ns
REFCLK
tcyc
MTXD [1 :0 ]
MTXEN
t1
t2
Transmit
Timing
REFCLK
tcyc
tod
MRXD [1: 0]
MRXDV
Receive
Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com