Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9255 Datasheet(PDF) 21 Page - Microchip Technology

Part # LAN9255
Description  2/3-Port EtherCAT짰 Device Controller with Integrated PHYs & SAM E53J 32-bit ARM짰 Cortex짰-M4F MCU
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9255 Datasheet(HTML) 21 Page - Microchip Technology

Back Button LAN9255 Datasheet HTML 15Page - Microchip Technology LAN9255 Datasheet HTML 16Page - Microchip Technology LAN9255 Datasheet HTML 17Page - Microchip Technology LAN9255 Datasheet HTML 18Page - Microchip Technology LAN9255 Datasheet HTML 19Page - Microchip Technology LAN9255 Datasheet HTML 20Page - Microchip Technology LAN9255 Datasheet HTML 21Page - Microchip Technology LAN9255 Datasheet HTML 22Page - Microchip Technology LAN9255 Datasheet HTML 23Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
2020-2021 Microchip Technology Inc.
DS00003646B-page 21
LAN9255
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
LAN9255
Tape and Reel
Option:
Blank = Standard packaging (Tray)
T
= Tape and Reel(Note 1)
Temperature
Range:
Blank =
0C to +70C (Commercial)
I
= -40C to +85C (Industrial)
V
= -40C to +105C (Extended Industrial)
Package:
ZMX = 128-pin TQFP (9.0mm ePad)
Mem. Config:
018 = 256K Programmable Memory
019 = 512K Programmable Memory
020 = 1024K Programmable Memory
Examples:
a)
LAN9255/ZMX018
Standard Packaging (Tray),
Commercial Temperature,
128-pin TQFP, 256K Memory
b)
LAN9255-I/ZMX019
Standard Packaging (Tray)
Industrial Temperature,
128-pin TQFP, 512K Memory
c)
LAN9255-V/ZMX020
Standard Packaging (Tray)
Extended Industrial Temperature,
128-pin TQFP, 1024K Memory
d)
LAN9255T/ZMX018
Tape and Reel
Commercial Temperature,
128-pin TQFP, 256K Memory
e)
LAN9255T-I/ZMX019
Tape and Reel
Industrial Temperature,
128-pin TQFP, 512K Memory
f)
LAN9255T-V/ZMX020
Tape and Reel
Extended Industrial Temperature,
128-pin TQFP, 1024K Memory
Note 1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package.
Check with your Microchip Sales Office for
package availability with the Tape and Reel
option.
PART NO.
Device Tape and Reel
Option
/
Temperature
Range
XXX
[X]
[-X]
Package
XXX
Mem. Cfg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com