Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9255/ZMX019 Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN9255/ZMX019
Description  2/3-Port EtherCAT짰 Device Controller with Integrated PHYs & SAM E53J 32-bit ARM짰 Cortex짰-M4F MCU
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9255/ZMX019 Datasheet(HTML) 1 Page - Microchip Technology

  LAN9255/ZMX019 Datasheet HTML 1Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 2Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 3Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 4Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 5Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 6Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 7Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 8Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2020-2021 Microchip Technology Inc.
DS00003646B-page 1
Highlights
• 2/3-port EtherCAT® device controller with 8 Fieldbus
Memory Management Units (FMMUs) and
8 SyncManagers
• Integrated ARM Cortex-M4F MCU with
1 Msps 12-bit ADC, SQSPI, USB LS/FS Host and
Device, Ethernet MAC, and PTC
• Integrated EtherCAT PHYs with HP Auto-MDIX
• EtherCAT cable diagnostic support
Target Applications
• Motor Motion Control
• Process/Factory Automation
• Communication Modules, Interface Cards
• Sensors
• Hydraulic & Pneumatic Valve Systems
• Operator Interfaces
Key Benefits
• Microchip SAM E53J ARM Cortex-M4F
- Memories
- 1 MB/512 KB/256 KB in-system programmable flash
- 256 KB /192 KB/128 KB SRAM main memory
- System
- Power-on Reset (POR) and Brown-out detection
- Internal and external clock options
- Power Supply
- Idle, Standby, Hibernate, Backup, and Off sleep modes
- SleepWalking peripherals
- Embedded Buck/LDO regulator
- Peripherals
- 32-channel Direct Memory Access Controller (DMAC)
- SD/MMC Host Controller (SDHC)
- Quad I/O Serial Peripheral Interface (QSPI)
- 10/100 Ethernet MAC with 1588 PTP/TSU
- Full-Speed USB 2.0 interface
- 32-channel Event System
- Dual 1 MSPS 12-bit ADCs and DACs
- Peripheral Touch Controller (PTC)
• Microchip LAN9253 2/3-Port EtherCAT Device
- Integrated 100Mbps Ethernet transceivers
- Compliant with IEEE 802.3/802.3u (Fast Ethernet)
- Signal Quality Index diagnostics
- Loop-back modes
- Automatic polarity detection and correction
- HP Auto-MDIX
- Compatible with EtherCAT P
- EtherCAT device controller
- Supports 8 FMMUs
- Supports 8 SyncManagers
- Distributed clock support allows synchronization with
other EtherCAT devices
- 8K bytes of DPRAM
- Host Bus Interface
- SPI / SQI (Quad SPI) support at up to 60MHz
- 3rd port for flexible network configurations
- Comprehensive power management features
- 3 power-down levels
- Wake on link status change (energy detect)
- Magic packet wakeup, Wake on LAN (WoL),
wake on broadcast, wake on perfect DA
- Wakeup indicator event signal
- Power and I/O
- Integrated power-on reset circuit
- Latch-up performance exceeds 150mA
per EIA/JESD78, Class II
- JEDEC Class 3A ESD performance
- Single 3.3V power supply (integrated 1.2V regulator)
- Option for external power supplies
- Local host allowed to enter sleep mode until addressed
by EtherCAT Host
- Additional Features
- EEPROM emulation
- Enhanced EtherCAT cycle time
- Transformer-less link support
- Multifunction GPIOs
- Ability to use low cost 25MHz crystal for reduced BOM
- 25MHz clock output for reference clock daisy chaining
• Packaging
- Pb-free RoHS compliant 128-pin TQFP
(14mm x 14mm, 0.4mm pitch)
• Environmental
- Commercial (0C to +70C)
- Industrial (-40C to +85C)
- Extended industrial (-40C to +105C)
LAN9255
2/3-Port EtherCAT® Device Controller with Integrated PHYs
& SAM E53J 32-bit ARM® Cortex®-M4F MCU


Similar Part No. - LAN9255/ZMX019

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9250 MICROCHIP-LAN9250 Datasheet
2Mb / 421P
Integrated Ethernet PHY with HP Auto-MDIX
01/27/15
LAN9252 MICROCHIP-LAN9252 Datasheet
4Mb / 329P
2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
01/27/15
LAN9252/ML MICROCHIP-LAN9252/ML Datasheet
4Mb / 329P
2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
01/27/15
LAN9252/PT MICROCHIP-LAN9252/PT Datasheet
4Mb / 329P
2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
01/27/15
LAN9252I/ML MICROCHIP-LAN9252I/ML Datasheet
4Mb / 329P
2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
01/27/15
More results

Similar Description - LAN9255/ZMX019

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B560R CYPRESS-MB9B560R Datasheet
3Mb / 169P
32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
S6E2C1 CYPRESS-S6E2C1 Datasheet
4Mb / 191P
32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
S6E2C5 CYPRESS-S6E2C5 Datasheet
5Mb / 200P
32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B460L CYPRESS-MB9B460L Datasheet
1Mb / 122P
32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
logo
Nuvoton Technology Corp...
M480 NUVOTON-M480 Datasheet
8Mb / 401P
32-bit ARM짰 Cortex짰-M4F Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com