Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843002 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS843002
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843002 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS843002 Datasheet HTML 1Page - Integrated Circuit Systems ICS843002 Datasheet HTML 2Page - Integrated Circuit Systems ICS843002 Datasheet HTML 3Page - Integrated Circuit Systems ICS843002 Datasheet HTML 4Page - Integrated Circuit Systems ICS843002 Datasheet HTML 5Page - Integrated Circuit Systems ICS843002 Datasheet HTML 6Page - Integrated Circuit Systems ICS843002 Datasheet HTML 7Page - Integrated Circuit Systems ICS843002 Datasheet HTML 8Page - Integrated Circuit Systems ICS843002 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
843002AG
www.icst.com/products/hiperclocks.html
REV. B MAY 6, 2005
1
Integrated
Circuit
Systems, Inc.
ICS843002
FEMTOCLOCKS™ CRYSTAL-TO-
3.3V LVPECL FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS843002 is a 2 output LVPECL synthesizer
optimized to generate Fibre Channel reference
clock frequencies and is a member of the
HiPerClocksTM family of high performance clock
solutions from ICS. Using a 26.5625MHz, 18pF
parallel resonant crystal, the following frequencies can be
generated based on the 2 frequency select pins (F_SEL[1:0]):
212.5MHz, 187.5MHz, 159.375MHz, 106.25MHz, and
53.125MHz. The ICS843002 uses ICS’ 3rd generation low
phase noise VCO technology and can achieve 1ps or lower
typical rms phase jitter, easily meeting Fibre Channel jitter
requirements. The ICS843002 is packaged in a small 20-pin
TSSOP package.
FEATURES
• Two 3.3V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies: 212.5MHz,
187.5MHz, 159.375MHz, 106.25MHz and 53.125MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter (637kHz - 10MHz): 0.72ps (typical)
• Typical phase noise at 212.5MHz
Phase noise:
Offset
Noise Power
100Hz ............... -87.7 dBc/Hz
1KHz .............. -111.6 dBc/Hz
10KHz .............. -124.3 dBc/Hz
100KHz .............. -124.3 dBc/Hz
• Full 3.3V supply mode
• Lead-Free package RoHS compliant
• -30°C to 85°C ambient operating temperature
HiPerClockS™
ICS
PIN ASSIGNMENT
1
1
0
1
0
Phase
Detector
VCO
637.5MHz
(w/26.5625MHz
Reference)
OSC
M = 24 (fixed)
F_SEL[1:0]
0 0
÷3
0 1
÷4
1 0
÷6
1 1
÷12
2
ICS843002
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm
package body
G Package
Top View
BLOCK DIAGRAM
FREQUENCY SELECT FUNCTION TABLE
F_SEL[1:0]
nPLL_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
nXTAL_SEL
MR
Q0
nQ0
Q1
nQ1
Pulldown
Pulldown
26.5625MHz
nc
VCCO
Q0
nQ0
MR
nPLL_SEL
nc
VCCA
F_SEL0
VCC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCCO
Q1
nQ1
VEE
VCC
nXTAL_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
F_SEL1
Pulldown
Pulldown
Pulldown
s
t
u
p
n
I
t
u
p
t
u
O
y
c
n
e
u
q
e
r
F
)
z
H
M
(
t
u
p
n
I
y
c
n
e
u
q
e
r
F
)
z
H
M
(
1
L
E
S
_
F0
L
E
S
_
F
r
e
d
i
v
i
D
M
e
u
l
a
V
r
e
d
i
v
i
D
N
e
u
l
a
V
N
/
M
e
u
l
a
V
r
e
d
i
v
i
D
5
2
6
5
.
6
20
0
4
23
8
5
.
2
1
2
5
2
6
5
.
6
20
1
4
24
6
5
7
3
.
9
5
1
5
2
6
5
.
6
21
0
4
26
4
5
2
.
6
0
1
5
2
6
5
.
6
21
1
4
22
12
5
2
1
.
3
5
5
7
3
4
.
3
20
0
4
23
8
5
.
7
8
1


Similar Part No. - ICS843002

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843002-01 ICST-ICS843002-01 Datasheet
238Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MAY 6, 2005
ICS843002-31 ICST-ICS843002-31 Datasheet
272Kb / 27P
700MHZ FEMTOCLOCKS??VCXO BASED FREQUENCY TRANSLATOR AND JITTER ATTENUATOR
ICS843002A01 ICST-ICS843002A01 Datasheet
238Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MAY 6, 2005
ICS843002AG-01 ICST-ICS843002AG-01 Datasheet
238Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MAY 6, 2005
ICS843002AG-01LF ICST-ICS843002AG-01LF Datasheet
238Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MAY 6, 2005
More results

Similar Description - ICS843002

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 27, 2004
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A OCTOBER 26, 2005
ICS843002-01 ICST-ICS843002-01 Datasheet
238Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MAY 6, 2005
ICS843204I ICST-ICS843204I Datasheet
109Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 9, 2005
logo
Integrated Device Techn...
ICS843242 IDT-ICS843242 Datasheet
287Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003 IDT-843003 Datasheet
378Kb / 21P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
843256I IDT-843256I Datasheet
272Kb / 17P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com