Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16821 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16821
Description  High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16821 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16821 Datasheet HTML 1Page - Maxim Integrated Products MAX16821 Datasheet HTML 2Page - Maxim Integrated Products MAX16821 Datasheet HTML 3Page - Maxim Integrated Products MAX16821 Datasheet HTML 4Page - Maxim Integrated Products MAX16821 Datasheet HTML 5Page - Maxim Integrated Products MAX16821 Datasheet HTML 6Page - Maxim Integrated Products MAX16821 Datasheet HTML 7Page - Maxim Integrated Products MAX16821 Datasheet HTML 8Page - Maxim Integrated Products MAX16821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
(VCC = 5V, VDD = VCC, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LED CURRENT SIGNAL DIFFERENTIAL VOLTAGE AMPLIFIER (DIFF)
Common-Mode Voltage Range
VCMR
(DIFF)
0
1.0
V
DIFF Output Voltage
VCM
VSENSE+ = VSENSE- = 0V
0.6
V
Input Offset Voltage
VOS(DIFF)
MAX16821A
-3.7
+3.7
mV
MAX16821B/MAX16821C
-1.5
+1.5
Amplifier Voltage Gain
AV(DIFF)
MAX16821A
0.992
1
1.008
V/V
MAX16821B
5.85
6
6.1
MAX16821C
18.5
20
21.5
3dB Bandwidth
f3dB
MAX16821A, CDIFF = 20pF
1.7
MHz
MAX16821B, CDIFF = 20pF
1600
kHz
MAX16821C, CDIFF = 20pF
550
SENSE+ to SENSE- Input
Resistance
RVS
MAX16821A
50
100
kΩ
MAX16821B
30
60
MAX16821C
10
20
OUTV AMPLIFIER
Gain-Bandwidth Product
VOUTV = 2V
4
MHz
3dB Bandwidth
VOUTV = 2V
1
MHz
Output Sink Current
30
µA
Output Source Current
80
µA
Maximum Load Capacitance
50
pF
OUTV to (CSP - CSN) Transfer
Function
4mV ≤ CSP – CSN ≤ 32mV
132.5
135
137.7
V/V
Input Offset Voltage
1
mV
VOLTAGE-ERROR AMPLIFIER (EAOUT)
Open-Loop Gain
AVOLEA
70
dB
Unity-Gain Bandwidth
fGBW
3
MHz
EAN Input Bias Current
IB(EA)
VEAN = 2V
-0.2
+0.03
+0.2
µA
Error Amplifier Output
Clamping Voltage
VCLAMP
(EA)
With respect to VCM
905
930
940
mV
INPUTS (MODE AND OVI)
MODE Input-Voltage High
2
V
MODE Input-Voltage Low
0.8
V
MODE Pulldown Current
4
5
6
µA
OVI Trip Threshold
OVPTH
1.244
1.276
1.308
V
OVI Hysteresis
OVIHYS
200
mV
OVI Input Bias Current
IOVI
VOVI = 1V
0.2
µA
MAX16821A/MAX16821B/
MAX16821C
High-Power Synchronous HBLED
Drivers with Rapid Current Pulsing
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com