Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7448 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC7448
Description  MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7448 Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC7448 Datasheet HTML 1Page - NXP Semiconductors MPC7448 Datasheet HTML 2Page - NXP Semiconductors MPC7448 Datasheet HTML 3Page - NXP Semiconductors MPC7448 Datasheet HTML 4Page - NXP Semiconductors MPC7448 Datasheet HTML 5Page - NXP Semiconductors MPC7448 Datasheet HTML 6Page - NXP Semiconductors MPC7448 Datasheet HTML 7Page - NXP Semiconductors MPC7448 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series, Rev. 2
2
Freescale Semiconductor
General Parameters
4
General Parameters
Core power supply
1.3 V
(1700L MHz revision level D devices)
1.15 V
(1400N MHz devices)
1.1 V
(1267N MHz revision level C devices)
1.05 V
(1267N MHz revision level D devices)
1.0 V
(1000N MHz devices)
Note: See Section 5.1, “DC Electrical Characteristics,” for information regarding VDD
specifications for 1400 MHz device.
5.1
DC Electrical Characteristics
Table 4 provides the recommended operating conditions for the MPC7448 part numbers described here.
NOTE
Table 4 describes the nominal operating conditions of the device. For
information on the operation of the device at supported derated core voltage
conditions, see Section 5.3, “Voltage and Frequency Derating.”
Table A. Part Numbers Addressed by This Data Sheet
Freescale
Part Number
Operating Conditions
Significant Differences from
Hardware Specifications
CPU
Frequency
(MHz)
VDD
Tj
(•C)
C)
MC7448THX1000Nx
1000
1.0 V ± 50 mV
–40 to 105
Modified core frequency and voltage to reduce
power consumption, extended operating
temperature.
MC7448THX1267NC
1267
1.1 V ± 50 mV
MC7448THX1267ND
1267
1.05 V ± 50 mV
MC7448THX1400Nx
1400
1.15 V ± 50 mV 2
MC7448THX1700LD
1700
1.3 V +20/-50 mV
PPC7448THX1000Nx 1
1000
1.0 V ± 50 mV
PPC7448THX1267NC1
1267
1.1 V ± 50 mV
PPC7448THX1267ND1
1267
1.05 V ± 50 mV
PPC7448THX1400Nx1
1400
1.15 V ± 50 mV 2
Note:
1. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13. These
parts have only preliminary reliability and characterization data. Before pilot production prototypes can be shipped, written
authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the
fact that product changes may still occur as pilot production prototypes are shipped.
2See Section 5.1, “DC Electrical Characteristics,” for information regarding VDD specifications for 1400 MHz device.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com