Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034A01 Datasheet(PDF) 17 Page - Integrated Circuit Systems

Part # ICS843034A01
Description  FEMTOCLOCKS??MULTI-RATE LVPECL FREQUENCY SYNTHESIZER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843034A01 Datasheet(HTML) 17 Page - Integrated Circuit Systems

Back Button ICS843034A01 Datasheet HTML 13Page - Integrated Circuit Systems ICS843034A01 Datasheet HTML 14Page - Integrated Circuit Systems ICS843034A01 Datasheet HTML 15Page - Integrated Circuit Systems ICS843034A01 Datasheet HTML 16Page - Integrated Circuit Systems ICS843034A01 Datasheet HTML 17Page - Integrated Circuit Systems ICS843034A01 Datasheet HTML 18Page - Integrated Circuit Systems ICS843034A01 Datasheet HTML 19Page - Integrated Circuit Systems ICS843034A01 Datasheet HTML 20Page - Integrated Circuit Systems ICS843034A01 Datasheet HTML 21Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
843034AY-01
www.icst.com/products/hiperclocks.html
REV. C NOVEMBER 28, 2005
17
Integrated
Circuit
Systems, Inc.
ICS843034-01
FEMTOCLOCKS™
MULTI-RATE LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
TERMINATION FOR 2.5V LVPECL OUTPUT
Figure 7A and Figure 7B show examples of termination for
2.5V LVPECL driver. These terminations are equivalent to ter-
minating 50
Ω to V
CC - 2V. For VCC = 2.5V, the VCC - 2V is very
close to ground level. The R3 in Figure 7B can be eliminated
and the termination is shown in Figure 7C.
FIGURE 7C. 2.5V LVPECL TERMINATION EXAMPLE
R2
50
Zo = 50 Ohm
VCCO=2.5V
R1
50
Zo = 50 Ohm
+
-
2.5V
2,5V LVPECL
Driv er
FIGURE 7B. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
VCCO=2.5V
R1
50
R2
50
Zo = 50 Ohm
R3
18
2,5V LVPECL
Driv er
Zo = 50 Ohm
+
-
2.5V
FIGURE 7A. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
R2
62.5
2.5V
2,5V LVPECL
Driv er
R3
250
Zo = 50 Ohm
Zo = 50 Ohm
R4
62.5
2.5V
+
-
R1
250
VCCO=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com