Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPC120P-F201-R2 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OPC120P-F201-R2
Description  Stationary read device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OPC120P-F201-R2 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OPC120P-F201-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OPC120P-F201-R2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OPC120P-F201-R2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OPC120P-F201-R2 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OPC120P-F201-R2 Datasheet HTML 5Page - Pepperl+Fuchs Inc. OPC120P-F201-R2 Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data
MTTFd
40.5 a
Mission Time (TM)
8 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
LED green: Ready for operation
LED indicator
for good/poor reading
Electrical specifications
Operating voltage
UB
24 V DC ± 15% , PELV
No-load supply current
I0
max. 250 mA
Power consumption
P0
6 W
Interface
Interface type
serial , RS 232
Transfer rate
max. 115.2 kBit/s
Cable length
max. 30 m
Interface 1
Interface type
Ethernet
Protocol
TCP/IP
Transfer rate
100 MBit/s
Cable length
max. 30 m
Input
Input voltage
to be applied externally 24 V ± 15% PELV
Number/Type
Trigger
Input current
approx. 10 mA at 24 V DC
Switching threshold
low: < 10 V, high: > 15 V
Cable length
max. 30 m
Output
Number/Type
GOOD, BAD, Matchcode
Switching type
PNP
Switching voltage
to be applied externally 24 V ± 15 % PELV
Switching current
100 mA each output
Cable length
max. 30 m
Compliance with standards and directives
Standard conformity
Noise immunity
EN 61326-1:2006
Emitted interference
EN 61000-6-4:2007/A1:2011
Degree of protection
EN 60529
Laser class
IEC 60825-1:2007
Approvals and certificates
UL approval
cULus Listed, General Purpose, Class 2 Power Source, Type 1 enclosure
CCC approval
CCC approval / marking not required for products rated ≤36 V
Approvals
CE
Ambient conditions
Ambient temperature
0 ... 45 °C (32 ... 113 °F)
Storage temperature
-20 ... 60 °C (-4 ... 140 °F)
Mechanical specifications
Degree of protection
IP67
Connection
8-pin, M12x1 connector, standard (supply+IO) ,
5-pin, M12x1 socket, standard (RS 232) ,
4-pin, M12x1 socket, standard (LAN)
Material
Housing
PC/ABS
Installation
4 x M6 threading
Mass
approx. 160 g
Stationary read device
OPC120P-F201-R2
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com