Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS664-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS664-01
Description  Digital Video Clock Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS664-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS664-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS664-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS664-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS664-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS664-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS664-01 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Digital Video Clock Source
MDS 664-01 A
2
Revision 050704
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS664-01
Pin Assignment
16-pin TSSOP
Output Clock Selection Table
Pin Descriptions
12
1
11
2
10
X1/REFIN
X2
3
9
VDD
4
VDD
N/C
5
S0
6
VDD
7
GND
8
GND
GND
SELIN
VDDO
S3
S1
S2
CLK
16
15
14
13
S3
S2
S1
S0
Input
Frequency
(MHz)
Output
Frequency
(MHz)
0000
Power down
0001
Pass thru
Input Freq
0010
27
74.25
0011
27
74.175824
0100
13.5
74.25
0101
13.5
74.175824
0110
RESERVED
RESERVED
0111
RESERVED
RESERVED
1000
74.25
54
1001
74.175824
54
1010
RESERVED
RESERVED
1011
RESERVED
RESERVED
1100
54
74.25
1101
54
74.175824
1110
54
13.5
1111
27
13.5
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1/REFIN
Input
Connect this pin to a crystal or clock input
2
VDD
Power
Power supply for crystal oscillator.
3
VDD
Power
Power supply for PLL.
4
S0
Input
Output frequency selection. Determines output frequency per table above. On chip pull up.
5
GND
Power
Ground for output stage.
6
GND
Power
Ground for PLL.
7
S3
Input
Output frequency selection. Determines output frequency per table above. On chip pull up.
8
S2
Input
Output frequency selection. Determines output frequency per table above. On chip pull up.
9
CLK
Output
Clock output.
10
S1
Input
Output frequency selection. Determines output frequency per table above. On chip pull up.
11
VDDO
Power
Power supply for output stage.
12
SEL
Input
Low for clock input, high for crystal. On chip pull up.
13
GND
Power
Connect to ground.
14
VDD
Power
Power supply.
15
NC
—
No connect. Do not connect to anything.
16
X2
Input
Connect this pin to a crystal. Leave open if using a clock input.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com