Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843003AI01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS843003AI01
Description  FEMTOCLOCKS-TM CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843003AI01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS843003AI01 Datasheet HTML 1Page - Integrated Circuit Systems ICS843003AI01 Datasheet HTML 2Page - Integrated Circuit Systems ICS843003AI01 Datasheet HTML 3Page - Integrated Circuit Systems ICS843003AI01 Datasheet HTML 4Page - Integrated Circuit Systems ICS843003AI01 Datasheet HTML 5Page - Integrated Circuit Systems ICS843003AI01 Datasheet HTML 6Page - Integrated Circuit Systems ICS843003AI01 Datasheet HTML 7Page - Integrated Circuit Systems ICS843003AI01 Datasheet HTML 8Page - Integrated Circuit Systems ICS843003AI01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
843003AGI-01
www.icst.com/products/hiperclocks.html
REV. A MAY 26, 2005
1
Integrated
Circuit
Systems, Inc.
ICS843003I-01
FEMTOCLOCKS™CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
PRELIMINARY
GENERAL DESCRIPTION
The ICS843003I-01 is a 3 differential output
LVPECL Synthesizer designed to generate
Ethernet reference clock frequencies and is a
member of the HiPerClocks™family of high per-
formance clock solutions from ICS. Using a
19.53125MHz or 25MHz, 18pF parallel resonant crystal, the
following frequencies can be generated based on the
settings of 4 frequency select pins (DIV_SEL[A1:A0],
DIV_SEL[B1:B0]): 625MHz, 312.5MHz, 156.25MHz, and
125MHz. The 843003I-01 has 2 output banks, Bank A with
1 differential LVPECL output pair and Bank B with 2 dif-
ferential LVPECL output pairs.
The two banks have their own dedicated frequency se-
lect pins and can be independently set for the frequen-
cies mentioned above. The ICS843003I-01 uses ICS’ 3rd
generation low phase noise VCO technology and can
achieve 1ps or lower typical r ms phase jitter, easily meet-
ing Ethernet jitter requirements. The ICS843003I-01 is
packaged in a small 24-pin TSSOP package.
FEATURES
• Three 3.3V LVPECL outputs on two banks, A Bank with
one LVPECL pair and B Bank with 2 LVPECL output pairs
• Using a 19.53125MHz or 25MHz crystal, the two output
banks can be independently set for 625MHz, 312.5MHz,
156.25MHz or 125MHz
• Selectable crystal oscillator interface or LVCMOS/LVTTL
single-ended input
• VCO range: 490MHz to 680MHz
• RMS phase jitter @ 156.25MHz (1.875MHz - 20MHz):
0.53ps (typical)
• 3.3V output supply mode
• -40°C to 85°C ambient operating temperature
HiPerClockS™
ICS
PIN ASSIGNMENT
ICS843003I-01
24-Lead TSSOP
4.40mm x 7.8mm x 0.92mm
package body
G Package
Top View
DIV_SELB0
VCO_SEL
MR
VCCO_A
QA0
nQA0
CLK_ENB
CLK_ENA
FB_DIV
VCCA
VCC
DIV_SELA0
1
2
3
4
5
6
7
8
9
10
11
12
DIV_SELB1
VCCO_B
QB0
nQB0
QB1
nQB1
XTAL_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
VEE
DIV_SELA1
24
23
22
21
20
19
18
17
16
15
14
13
0
1
0
1
Phase
Detector
VCO
0 = ÷25 (default)
1 = ÷32
0 0
÷1
0 1
÷2
1 0
÷3
1 1
÷4 (default)
0 0
÷2
0 1
÷4
1 0
÷5
1 1
÷8 (default)
FB_DIV
OSC
CLK_ENA
DIV_SELA[1:0]
VCO_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
XTAL_SEL
FB_DIV
DIV_SELB[1:0]
MR
CLK_ENB
QA0
nQA0
QB0
nQB0
QB1
nQB1
Pulldown
Pulldown
Pullup
Pullup
Pullup
Pullup
Pulldown
Pullup
Pullup
BLOCK DIAGRAM
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS843003AI01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003AG ICST-ICS843003AG Datasheet
295Kb / 17P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 27, 2004
logo
Integrated Device Techn...
ICS843003AGI-01LF IDT-ICS843003AGI-01LF Datasheet
233Kb / 17P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843003AGI-01LFT IDT-ICS843003AGI-01LFT Datasheet
233Kb / 17P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843003AGLF IDT-ICS843003AGLF Datasheet
378Kb / 21P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843003AGLFT IDT-ICS843003AGLFT Datasheet
378Kb / 21P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
More results

Similar Description - ICS843003AI01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 27, 2004
ICS843002I ICST-ICS843002I Datasheet
211Kb / 16P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843002I-01 ICST-ICS843002I-01 Datasheet
208Kb / 15P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004-01 ICST-ICS843004-01 Datasheet
227Kb / 15P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MAY 6, 2005
ICS843004I ICST-ICS843004I Datasheet
256Kb / 15P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 11, 2005
ICS843004I-01 ICST-ICS843004I-01 Datasheet
254Kb / 14P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 11, 2005
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 15, 2006
ICS843020-01 ICST-ICS843020-01 Datasheet
218Kb / 20P
FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. B APRIL 14, 2005
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 9, 2005
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com