Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS667-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS667-01
Description  HDTV CLOCK SYNTHESIZER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS667-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS667-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS667-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS667-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS667-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS667-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HDTV CLOCK SYNTHESIZER
MDS 667-01 C
2
Revision 031605
I n tegr at ed Circuit Sy stems
525 Race Street , San Jose, CA 95126
t e l (40 8 ) 297-1201
www. i cst.com
ICS667-01
Pin Assignment
Pin Descriptions
External Components
Decoupling Capacitor
As with any high performance mixed-signal IC, the
ICS667-01 must be isolated from system power supply
noise to perform optimally.
A decoupling capacitor of 0.01µF must be connected
between VDD and GND on pins 2 and 3. It must be
connected close to the ICS667-01 to minimize lead
inductance. Pin 5 can be connected to pin 3. No
external power supply filtering is required for the
ICS667-01.
Series Termination Resistor
A 33
Ω terminating resistor can be used next to the
clock outputs for trace lengths over one inch.
Crystal Load Capacitors
The total on-chip capacitance is approximately 18 pF. A
parallel resonant, fundamental mode, AT cut 27 MHz
crystal should be used. The device crystal connections
should include pads for small capacitors from X1 to
ground and from X2 to ground. These capacitors are
used to adjust the stray capacitance of the board to
match the nominally required crystal load capacitance.
Because load capacitance can only be increased in this
trimming process, it is important to keep stray
capacitance to a minimum by using very short PCB
traces (and no vias) between the crystal and device.
Crystal capacitors, if needed, must be connected from
each of the pins X1 and X2 to ground.
The value (in pF) of these crystal caps should equal
(CL -16 pF)*2. In this equation, CL= crystal load
capacitance in pF. Example: For a crystal with an 18 pF
load capacitance, each crystal capacitor would be 4 pF
[(18-16) x 2] = 4.
ICLK/X1
VDD
GND
27M
CLK
OE
GND
X2
1
2
3
4
8
7
6
5
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
ICLK/X1
XI
Crystal connection. Connect to a 27 MHz fundamental crystal or clock.
2
VDD
Power
Connect to +3.3 V.
3
GND
Power
Connect to ground.
4
CLK
Output
74.17582418 MHz.
5
GND
Power
Connect to ground.
6
OE
Input
Output enable. Tri-states CLK output when low. Internal pull-up to VDD.
7
27M
Output
27 MHz buffered clock or crystal oscillator output.
8
X2
XO
Crystal connection. Connect to a 27 MHz crystal, or leave unconnected
for clock input.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com