Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # TBD
Description  FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

TBD Datasheet(HTML) 1 Page - Integrated Circuit Systems

  TBD Datasheet HTML 1Page - Integrated Circuit Systems TBD Datasheet HTML 2Page - Integrated Circuit Systems TBD Datasheet HTML 3Page - Integrated Circuit Systems TBD Datasheet HTML 4Page - Integrated Circuit Systems TBD Datasheet HTML 5Page - Integrated Circuit Systems TBD Datasheet HTML 6Page - Integrated Circuit Systems TBD Datasheet HTML 7Page - Integrated Circuit Systems TBD Datasheet HTML 8Page - Integrated Circuit Systems TBD Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
843004AGI
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 11, 2005
1
Integrated
Circuit
Systems, Inc.
ICS843004I
FEMTOCLOCKS™CRYSTAL-TO-
3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS843004I is a 4 output LVPECL synthesizer
optimized to generate Fibre Channel reference
clock frequencies and is a member of the
HiPerClocksTM family of high performance clock
solutions from ICS. Using a 26.5625MHz 18pF
parallel resonant crystal, the following frequencies can be
generated based on the 2 frequency select pins (F_SEL[1:0]):
212.5MHz, 187.5MHz, 159.375MHz, 156.25MHz, 106.25MHz,
and 53.125MHz. The ICS843004I uses ICS’ 3rd generation low
phase noise VCO technology and can achieve 1ps or lower
typical rms phase jitter, easily meeting Fibre Channel jitter
requirements. The ICS843004I is packaged in a small 24-pin
TSSOP package.
FEATURES
• Four 3.3V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies: 212.5MHz,
187.5MHz, 159.375MHz, 156.25MHz, 106.25MHz, 53.125MHz
• VCO range: 560MHz - 680MHz
• Output skew: 50ps (maximum)
• RMS phase jitter @ 212.5MHz, using a 26.5625MHz crystal
(2.55MHz - 20MHz): 0.47ps (typical)
• Full 3.3V or 2.5V supply modes
• -40°C to 85°C ambient operating temperature
• Lead-Free fully RoHS compliant
HiPerClockS™
ICS
PIN ASSIGNMENT
1
1
0
1
0
Phase
Detector
VCO
637.5MHz
(w/26.5625MHz
Reference)
M = 24 (fixed)
F_SEL[1:0]
0 0
÷3
0 1
÷4
1 0
÷6
1 1
÷12
2
OSC
ICS843004I
24-Lead TSSOP
4.40mm x 7.8mm x 0.92mm
package body
G Package
Top View
nQ1
Q1
VCCo
Q0
nQ0
MR
nPLL_SEL
nc
VCCA
F_SEL0
VCC
F_SEL1
1
2
3
4
5
6
7
8
9
10
11
12
nQ2
Q2
VCCO
Q3
nQ3
VEE
nc
nXTAL_SEL
TEST_CLK
VEE
XTAL_IN
XTAL_OUT
24
23
22
21
20
19
18
17
16
15
14
13
BLOCK DIAGRAM
s
t
u
p
n
I
t
u
p
t
u
O
y
c
n
e
u
q
e
r
F
)
z
H
M
(
t
u
p
n
I
y
c
n
e
u
q
e
r
F
)
z
H
M
(
1
L
E
S
_
F0
L
E
S
_
F
r
e
d
i
v
i
D
M
e
u
l
a
V
r
e
d
i
v
i
D
N
e
u
l
a
V
r
e
d
i
v
i
D
N
/
M
e
u
l
a
V
5
2
6
5
.
6
20
0
4
23
8
5
.
2
1
2
5
2
6
5
.
6
20
1
4
24
6
5
7
3
.
9
5
1
5
2
6
5
.
6
21
0
4
26
4
5
2
.
6
0
1
5
2
6
5
.
6
21
1
4
22
12
5
2
1
.
3
5
6
6
1
4
0
.
6
20
1
4
24
6
5
2
.
6
5
1
5
7
3
4
.
3
20
0
4
23
8
5
.
7
8
1
FREQUENCY SELECT FUNCTION TABLE
F_SEL[1:0]
nPLL_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
nXTAL_SEL
MR
Q0
nQO
Q1
nQ1
Q2
nQ2
Q3
nQ3
Pulldown
Pulldown
26.5625MHz
Pulldown
Pulldown
Pulldown


Similar Part No. - TBD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TBD STMICROELECTRONICS-TBD Datasheet
145Kb / 10P
0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
17-Jun-2002
logo
ON Semiconductor
TBD ONSEMI-TBD Datasheet
44Kb / 6P
Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
logo
Integrated Circuit Syst...
TBD ICST-TBD Datasheet
110Kb / 5P
48 MHz Tiny USB Clock Source
Revision 111805
TBD ICST-TBD Datasheet
112Kb / 5P
48 MHz Tiny USB Clock Source
Revision 111805
TBD ICST-TBD Datasheet
239Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JANUARY 16, 2006
More results

Similar Description - TBD

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 27, 2004
ICS843001I-22 ICST-ICS843001I-22 Datasheet
211Kb / 17P
FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A AUGUST 1, 2005
ICS843002I ICST-ICS843002I Datasheet
211Kb / 16P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843002I-01 ICST-ICS843002I-01 Datasheet
208Kb / 15P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843003I-01 ICST-ICS843003I-01 Datasheet
197Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 26, 2005
ICS843004-01 ICST-ICS843004-01 Datasheet
227Kb / 15P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MAY 6, 2005
ICS843004I-01 ICST-ICS843004I-01 Datasheet
254Kb / 14P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 11, 2005
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 15, 2006
ICS843020-01 ICST-ICS843020-01 Datasheet
218Kb / 20P
FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. B APRIL 14, 2005
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 9, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com