Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # TBD
Description  FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

TBD Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button TBD Datasheet HTML 5Page - Integrated Circuit Systems TBD Datasheet HTML 6Page - Integrated Circuit Systems TBD Datasheet HTML 7Page - Integrated Circuit Systems TBD Datasheet HTML 8Page - Integrated Circuit Systems TBD Datasheet HTML 9Page - Integrated Circuit Systems TBD Datasheet HTML 10Page - Integrated Circuit Systems TBD Datasheet HTML 11Page - Integrated Circuit Systems TBD Datasheet HTML 12Page - Integrated Circuit Systems TBD Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
843004AGI-01
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 11, 2005
9
Integrated
Circuit
Systems, Inc.
ICS843004I-01
FEMTOCLOCKS™CRYSTAL-TO-
3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
VCC=3.3V
VDD
Zo = 50 Ohm
+
-
18pF
R5
133
RD1
Not Install
To Logic
Input
pins
VCC
Zo = 50 Ohm
RU2
Not Install
3.3V
R9
133
U1
ICS843004-01
VCC
C3
10uF
+
-
R3
133
C7
0.1u
X1
25MHz
Zo = 50 Ohm
R7
133
3.3V
VDD
R6
82.5
VCCA
C4
0.01u
C8
0.1u
VCCO=3.3V
Logic Control Input Examples
C6
0.1u
C2
33pF
C9
0.1u
R2
10
RU1
1K
R4
82.5
Set Logic
Input to
'1'
C1
27pF
To Logic
Input
pins
R10
82.5
Zo = 50 Ohm
R8
82.5
Set Logic
Input to
'0'
VCCO
RD2
1K
LAYOUT GUIDELINE
Figure 5 shows a schematic example of the ICS843004I-01. An
example of LVEPCL termination is shown in this schematic. Ad-
ditional LVPECL termination approaches are shown in the
LVPECL Termination Application Note. In this example, an 18pF
FIGURE 5. ICS843004I-01 SCHEMATIC EXAMPLE
parallel resonant 25MHz crystal is used. The C1=27pF and
C2=33pF are recommended for frequency accuracy. For differ-
ent board layout, the C1 and C2 may be slightly adjusted for
optimizing frequency accuracy.
ICS843004I-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com